Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H12CD4850P-10 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # H12CD4850P-10
Description  Panel Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H12CD4850P-10 Datasheet(HTML) 2 Page - Crydom Inc.,

  H12CD4850P-10 Datasheet HTML 1Page - Crydom Inc., H12CD4850P-10 Datasheet HTML 2Page - Crydom Inc., H12CD4850P-10 Datasheet HTML 3Page - Crydom Inc., H12CD4850P-10 Datasheet HTML 4Page - Crydom Inc., H12CD4850P-10 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
H12CD
H12CA
Control Voltage Range
4-15 VDC
90-140 Vrms
Minimum Turn-On Voltage
4.0 VDC
90 VAC
Minimum Turn-Off Voltage
1.0 VDC
10.0 VAC
Typical Input Current
15 mA
15 mA
Nominal Input Impedance
300 Ohm
8K Ohm
Maximum Turn-On Time [msec] (4)
1/2 Cycle
10
Maximum Turn-Off Time [msec]
1/2 Cycle
40
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3 oz (86.5 g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screw and saddle Clamps Furnished, Unmounted
Recommended Terminal Screw Torque Range:
6-32 Screws - 10 in/lbs. 8-32 & 10-32 Screws - 20 in. lbs. (Screws dry without grease)
Fastons:
Double pair* (50A model only) Caution: User must connect to both pairs
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard R S-443, paragraph 13.11.1
3) H eat sinking required, for derating curves see page 2.
4) Turn-on time for DC random turn-on versions is 0.02 msec (DC Control Models).


Similar Part No. - H12CD4850P-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H12CD4850 ETC1-H12CD4850 Datasheet
81Kb / 3P
   50-90Amp 480 Vac AC Output
logo
Crydom Inc.,
H12CD4850 CRYDOM-H12CD4850 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - H12CD4850P-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com