Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1004G13 Datasheet(PDF) 1 Page - Altech corporation

Part # 1004G13
Description  30 mm Aluminum Enclosure Gravity Die Cast 1004G13 and 1006G13
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

1004G13 Datasheet(HTML) 1 Page - Altech corporation

  1004G13 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/7/2007
11/7/2007
Philipp Ernstberger
11/7/2007
30 mm Aluminum Enclosure Gravity Die Cast 1004G13 (cable entry thread size:
2xM20) and 1006G13 (cable entry thread size: 2x1/2"-14 NPT)
1PB-1004G13
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-1004G13
rev
-
ch.no.
-
description
original design
date
revised by
11/7/2007
Philipp E.
93 mm
[3.7 in]
78 mm
[3.1 in]
73 mm
[2.9 in]
M20x1.5 or 1/2" NPT
n30 mm
[1.2 in]
4x


Similar Part No. - 1004G13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1004 MACOM-1004 Datasheet
50Kb / 1P
   WILMAR??Protective Relays - 1000 Series
logo
XFMRS Inc.
1004 XFMRS-1004 Datasheet
38Kb / 1P
   DUAL THRU HOLE
logo
List of Unclassifed Man...
1004-TCB1D434 ETC2-1004-TCB1D434 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
1004-TCB1D868 ETC2-1004-TCB1D868 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Norgren Ltd
10040 NORGREN-10040 Datasheet
8Mb / 18P
   PNEUFIT 10 series Push-in fittings
03/23
More results

Similar Description - 1004G13

ManufacturerPart #DatasheetDescription
logo
Altech corporation
1005E13 ALTECH-1005E13 Datasheet
260Kb / 1P
   30 mm Aluminum Gravity Die Cast Enclosure 1005E13 and 1007E13
2005G13 ALTECH-2005G13 Datasheet
231Kb / 1P
   22 mm Aluminum Enclosure Gravity Die Cast 2005G13 and 2009G13
2009A13 ALTECH-2009A13 Datasheet
226Kb / 1P
   22 mm Aluminum Gravity Die Cast Enclosure 2009A13 and 2016A13
logo
List of Unclassifed Man...
AN-2820 ETC2-AN-2820 Datasheet
117Kb / 1P
   NEMA 4X DIE CAST ALUMINUM ENCLOSURE
logo
Altech corporation
1004C13 ALTECH-1004C13 Datasheet
242Kb / 1P
   30 mm Aluminum Enclosure 1004C13 and 1006C13
logo
List of Unclassifed Man...
5E-115B-W ETC2-5E-115B-W Datasheet
125Kb / 1P
   Die-cast aluminum housing
logo
Molex Electronics Ltd.
0936040083 MOLEX1-0936040083 Datasheet
41Kb / 1P
   GWconnect Enclosure, Die-cast Aluminum, S-8100 Series, without External Mounting
0936040037 MOLEX1-0936040037 Datasheet
44Kb / 1P
   GWconnect Enclosure, Die-cast Aluminum, S-8000 Series, with External Mounting
0936040022 MOLEX1-0936040022 Datasheet
41Kb / 1P
   GWconnect Enclosure, Die-cast Aluminum, S-8000 Series, with External Mounting
0936040033 MOLEX1-0936040033 Datasheet
43Kb / 1P
   GWconnect Enclosure, Die-cast Aluminum, S-8000 Series, with External Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com