Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS403U300A Datasheet(PDF) 6 Page - Altech corporation

Part # ABS403U300A
Description  Molded Case Circuit Breakers UL489 Listed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ABS403U300A Datasheet(HTML) 6 Page - Altech corporation

Back Button ABS403U300A Datasheet HTML 2Page - Altech corporation ABS403U300A Datasheet HTML 3Page - Altech corporation ABS403U300A Datasheet HTML 4Page - Altech corporation ABS403U300A Datasheet HTML 5Page - Altech corporation ABS403U300A Datasheet HTML 6Page - Altech corporation ABS403U300A Datasheet HTML 7Page - Altech corporation ABS403U300A Datasheet HTML 8Page - Altech corporation ABS403U300A Datasheet HTML 9Page - Altech corporation ABS403U300A Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
51
tu
o-
tu
c
le
n
a
P
g
ni
lli
r
D
tl
o
B
g
ni
tn
u
o
M
1.733(44)
2.008 (51)
5.512 (140)
2.087 (53)
3.721 (94.5)
3.052 (77.5)
2.067(52.5)
4.331 (110)
5.709 (145)
Circuit
Breaker
10-24 UNCTap
(4 Holes)
Circuit
Breaker
Trip test
button
Mounting Bolt DrillingPanel cut-out
2.323 (59)
3.721 (94.5)
3.091(78.5)
10-24 UNCTap
(4 Holes)
2.756 (70)
8.268 (210)
2.087(53)
2.244(57)
4.331 (110)
5.709 (145)
Circuit
Breaker
Circuit
Breaker
Trip test
button
LC
LC
LC
LC
LC
LC
LC
LC
LC
LC
ABS/ABH/ABL
403U
ABS/ABH/ABL
603U
Dimensionsshownininches(mm)


Similar Part No. - ABS403U300A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1012 BEL-ABS400-1012 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1024 BEL-ABS400-1024 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1036 BEL-ABS400-1036 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
ABS400-1048 BEL-ABS400-1048 Datasheet
725Kb / 9P
   Universal input voltage range (90 ??264 VAC)
More results

Similar Description - ABS403U300A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
UL489 ALTECH-UL489 Datasheet
657Kb / 8P
   UL489 Listed Busbars
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com