Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPC Datasheet(PDF) 1 Page - Crydom Inc.,

Part # RPC
Description  Proportional controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

RPC Datasheet(HTML) 1 Page - Crydom Inc.,

  RPC Datasheet HTML 1Page - Crydom Inc., RPC Datasheet HTML 2Page - Crydom Inc., RPC Datasheet HTML 3Page - Crydom Inc., RPC Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RPC Series
• Proportional controller
• Ratings from 15A to 40A @ 480 VAC
• 500k or 1M Ohm potentiometer control
PRODUCT SELECTION
Description
15 A
25 A
40 A
120 VAC
RPC1215
RPC1225
RPC1240
240 VAC
RPC2415
RPC2425
RPC2440
480 VAC
RPC4815
RPC4825
RPC4840
OUTPUT SPECIFICATIONS (voltage) (1)
Description
120 VAC
240 VAC
480 VAC
Operating Voltage (47-63Hz) [Vrms]
90-130
200-240
400-480
Transient Overvoltage [Vpk]
400
600
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
10
7
3
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
5000
500
500
Snubber (Internal)
yes
yes
no
OUTPUT SPECIFICATIONS (current) (1)
Description
15 A
25 A
40 A
Maximum Load Current [Arms] (3)
15
25
40
Minimum Load Current [mArms]
70
80
90
Maximum Surge Current (16.6ms) [Apk]
150
250
625
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.48
1.02
0.63
Maximum I²t for Fusing (8.3 msec) [A² sec]
94
260
1620
INPUT SPECIFICATIONS (1)
Description
120 VAC
240 VAC
480 VAC
Variable Resistor Size (4)
150K (1W)
1M (1/2W)
1M (1/2W)
GENERAL SPECIFICATIONS
Description
Minimum Power Factor (with Maximum Load)
0.6
Dielectric Strength, Input/Output/Base (50/60Hz)
2500 Vrms
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.2 oz (90g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screws and saddle Clamps Furnished, Unmounted
Recommended Terminal Screw Torque Range:
6-32 Screws -10 in lbs.
8-32 and 10-32 Screws -20 in. lbs.
(Screws dry without grase)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
3) Heat sinking required, see derating curves.
2) Off-State dv/dt test method per EIA/NARM standard RS-443
4) Potentiometer should be line voltage rated.
For Conta ct information vis it our web site .
www.crydom.com
© 2008 Cryd om, Inc.
Specifications subject to change without notice.


Similar Part No. - RPC

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
   SURFACE MOUNT CHIP RESISTOR
logo
Stackpole Electronics, ...
RPC SEI-RPC Datasheet
788Kb / 12P
   Pulse Withstanding Thick Film Chip Resistor
5/24/2022
logo
Greystone Energy System...
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
   ROOM PRESSURE MONITOR
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
   ROOM PRESSURE MONITOR
logo
Radiometrix Ltd
RPC-000-DIL RADIOMETRIX-RPC-000-DIL Datasheet
898Kb / 27P
   UHF Radio Packet Controller
More results

Similar Description - RPC

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PCV CRYDOM-PCV Datasheet
520Kb / 5P
   Proportional controller
logo
celduc-relais
SWG50210 CELDUC-SWG50210 Datasheet
246Kb / 3P
   ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
   Proportional valve module
logo
Festo Corporation.
8153684 FESTO-8153684 Datasheet
87Kb / 2P
   Proportional pressure regulator
6/27/22
8153642 FESTO-8153642 Datasheet
86Kb / 2P
   Proportional pressure regulator
6/27/22
8153643 FESTO-8153643 Datasheet
86Kb / 2P
   Proportional pressure regulator
6/27/22
8153672 FESTO-8153672 Datasheet
91Kb / 2P
   Proportional pressure regulator
6/27/22
8153667 FESTO-8153667 Datasheet
87Kb / 2P
   Proportional pressure regulator
6/27/22
8153671 FESTO-8153671 Datasheet
87Kb / 2P
   Proportional pressure regulator
6/27/22
8153678 FESTO-8153678 Datasheet
87Kb / 2P
   Proportional pressure regulator
6/27/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com