Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-IDC5F Datasheet(PDF) 2 Page - Crydom Inc.,

Part # SM-IDC5F
Description  SM SERIES INPUT MODULES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SM-IDC5F Datasheet(HTML) 2 Page - Crydom Inc.,

  SM-IDC5F Datasheet HTML 1Page - Crydom Inc., SM-IDC5F Datasheet HTML 2Page - Crydom Inc., SM-IDC5F Datasheet HTML 3Page - Crydom Inc., SM-IDC5F Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL SPECIFICATIONS
Description
Input/Output Isolation Voltage (14)
4000
Input/Output Capacitance
8
Operating Temperature Range
-30 to 80°C
Storage Temperature Range
-40 to 80°C
Line Frequency Range
47 to 63
Weight
1.1 oz. (31.2g)
GENERAL NOTES:
(1) Specifications apply to an ambient temperature of -30 t o 80 ° C unl ess otherwise noted.
(2) Resistance v alues for I AC modules are effectiv e impedance v alues at 25 ° C.
(3) Resistance v alues are +/-10% at 25 ° C.
(4) Measured at maximum s pecif ied input voltage, 25°C.
(5) Defined as the maximum current allowed through the module's input to guarantee that
the output will switc h from "on" to "off". Higher c urrents may result in the out put remaining
in the "on" s tate.
(6) Defined as the maximum current allowed through the module's input that will not s witch
the module's output state f rom "off: t o "on".
(7) With ext ernal LED status indicator at maximum specified logic supply vol tage and 25° C.
18mA without external LED.
(8) At maximum specif ied logic voltage and 25°C.
(9) Applied acros s open collector output trans istor.
(10) Sinking c urrent through the open c ollector output transistor.
(11) At maximum output voltage and 25°C.
(12) At maximum output current and 25°C .
(13) At nominal logic supply voltage, 25mA output sinking current, nominal input vol tage
and 25°C
(14) At 25°C for 1 second maxi mum duration.
MECHANICAL SPECIFICATIONS
AGENCY APPROVALS
UL E46203
CSA 38595
Rev. 072808
For Contact information visit our web
site.
www.crydom.com
©2008 Crydom, Inc.
Specifications subject to change without notice.


Similar Part No. - SM-IDC5F

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IDC5F CRYDOM-SM-IDC5F Datasheet
580Kb / 4P
   I/O Modules
More results

Similar Description - SM-IDC5F

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
SM-OAC5 CRYDOM-SM-OAC5 Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
logo
List of Unclassifed Man...
84145061 ETC2-84145061 Datasheet
2Mb / 50P
   SIMM Series Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com