Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC-4463Z Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SGC-4463Z
Description  50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGC-4463Z Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SGC-4463Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SGC-4463Z Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Broomfield, CO 80021
3
EDS-104979 Rev C
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SGC-4463Z 0.05-4.0 GHz Cascadeable MMIC Amplifier
Typical Performance with Bias Tee, V
D = 3V, ID = 52mA
Current vs. Voltage
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
Vd (V)
+25C
-40C
+85C
NF vs. Frequency
1.0
2.0
3.0
4.0
5.0
6.0
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
25C
85C
|S11| over Frequency
-30
-25
-20
-15
-10
-5
0
00.5
11.5
22.5
33.5
4
Frequency (GHz)
25C
-40C
85C
|S21| over Frequency
6
10
14
18
22
26
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
25C
-40C
85C
|S12| over Frequency
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.522.5
33.5
4
Frequency (GHz)
25C
-40C
85C
|S22| over Frequency
-30
-25
-20
-15
-10
-5
0
00.511.522.533.5
4
Frequency (GHz)
25C
-40C
85C


Similar Part No. - SGC-4463Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4463Z SIRENZA-SGC-4463Z Datasheet
307Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
More results

Similar Description - SGC-4463Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2386 SIRENZA-SGC-2386_1 Datasheet
257Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2363 SIRENZA-SGC-2363_1 Datasheet
282Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-2486 SIRENZA-SGC-2486_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4363 SIRENZA-SGC-4363_1 Datasheet
284Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com