Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN2460N8 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN2460N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN2460N8 Datasheet(HTML) 2 Page - Supertex, Inc

  VN2460N8 Datasheet HTML 1Page - Supertex, Inc VN2460N8 Datasheet HTML 2Page - Supertex, Inc VN2460N8 Datasheet HTML 3Page - Supertex, Inc VN2460N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ TC = 25°C
°C/W
°C/W
TO-243AA
0.2A
0.6A
1.6W
15
78
0.2A
0.6A
TO-92
0.16A
0.5A
1W
125
170
0.16A
0.5A
* I
D (continuous) is limited by max rated Tj.
Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
600
VGS(th)
Gate Threshold Voltage
1.5
V
VGS = VDS , ID = 2.0mA
∆VGS(th)
Change in VGS(th) with Temperature
-5.5
mV/°CVGS = VDS , ID = 2.0mA
IGSS
Gate Body Leakage
100
nA
VGS = ±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
10
µAVGS = 0V, VDS = Max Rating
1mA
VGS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
ID(ON)
ON-State Drain Current
0.25
A
VGS = 10V, VDS = 25V
RDS(ON)
25
VGS = 4.5V, ID = 100mA
20
VGS = 10V, ID = 100mA
∆RDS(ON)
Change in RDS(ON) with Temperature
1.7
%/°CVGS = 10V, ID = 100mA
G
FS
Forward Transconductance
50
mV
DS = 25V, ID = 100mA
C
ISS
Input Capacitance
150
C
OSS
Common Source Output Capacitance
50
pF
C
RSS
Reverse Transfer Capacitance
25
t
d(ON)
Turn-ON Delay Time
10
t
r
Rise Time
10
t
d(OFF)
Turn-OFF Delay Time
25
t
f
Fall Time
20
V
SD
Diode Forward Voltage Drop
1.5
V
V
GS = 0V, ISD = 400mA
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
Drain-to-Source
Breakdown Voltage
Static Drain-to-Source
ON-State Resistance
VV
GS
= 0V, I
D
= 2.0mA
ns
V
GS = 0V, VDS = 25V
f = 1.0 MHz
V
DD = 25V,
I
D = 250mA,
RGEN = 25Ω
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
VN2460


Similar Part No. - VN2460N8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN2460N8-G SUTEX-VN2460N8-G Datasheet
565Kb / 7P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2460N8-G SUTEX-VN2460N8-G Datasheet
727Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FET
VN2460N8VN2460N3-G SUTEX-VN2460N8VN2460N3-G Datasheet
565Kb / 7P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - VN2460N8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com