Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7045D2 Datasheet(PDF) 5 Page - Altech corporation

Part # K7045D2
Description  Enclosure
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

K7045D2 Datasheet(HTML) 5 Page - Altech corporation

  K7045D2 Datasheet HTML 1Page - Altech corporation K7045D2 Datasheet HTML 2Page - Altech corporation K7045D2 Datasheet HTML 3Page - Altech corporation K7045D2 Datasheet HTML 4Page - Altech corporation K7045D2 Datasheet HTML 5Page - Altech corporation K7045D2 Datasheet HTML 6Page - Altech corporation K7045D2 Datasheet HTML 7Page - Altech corporation K7045D2 Datasheet HTML 8Page - Altech corporation K7045D2 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
DIN Rail
44
17
9
7
75
9
116
114
112
98
71
1.5
2
6
11
11
12
1
5
3
4
2
DIN Rail
55
9
7
87
98
116
114
112
51
1.7
21
42
3
2
1
2
Part Number
Type
Description
PCB Connection
90.040
K7055
Single Level
Wire Jumper/
Terminals
Fast On
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Covers*
90.040.1
K7055/TC1
* Note: Need two Terminal Covers.
* Note: Need two Terminal Covers.
Electrical:
25A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(5) Vertical
(1) Behind Cover
Mounting:
35mm DIN Rail
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
12 Terminal
Solder/Tab Connection
1.5 thick
1.5 thick
65
R2
.5
1.5 thick
34
65
64.8
62
1
2
3
PCB DRAWING (To convert to inches divide by 25.4.)
Part Number
Type
Description
PCB Connection
90.050
K7075P
Single Level
Wire Jumper/
Terminals
Solder Pin/ Card Edge
Accessories
Part Number
Type
DIN Rail
2511120/1M
TS35x7.5/1M
Terminal Cover*
90.050.1
K7075P/TC1
Electrical:
10A, 300V, 22-14 AWG
Housing Material:
ABS
Cover Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 60°C (140°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
PCB Locations:
(7) Vertical (6) Horizontal
(1) Behind Cover
Mounting:
35mm DIN Rail or
panel mount
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
16 Terminal
Pluggable Connection
1.5 thick
1.5 thick
1.5 thick
1.5 thick
1.5 thick
8.5
1.15
Ø1.6
6.85
70.5
71
68
65
67.5
51
58
R
2.
5
65.5
34
2.4
4
8.5
12
34
5
PCB DRAWING (To convert to inches divide by 25.4.)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
8
K70 Enclosure Series


Similar Part No. - K7045D2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
K70 TEC-K70 Datasheet
157Kb / 1P
   KILOVAC High Voltage Relays
logo
Banner Engineering Corp...
K70 BANNER-K70 Datasheet
600Kb / 8P
   EZ-LIGHT짰 K70 Wireless Touch Button
K70 BANNER-K70 Datasheet
335Kb / 5P
   EZ-LIGHT짰 Touch K70 Series Illuminated Multipurpose Buttons
K70 BANNER-K70 Datasheet
323Kb / 4P
   EZ-LIGHT짰 Touch K70 Series Pick-to-Light
K70 BANNER-K70 Datasheet
332Kb / 5P
   EZ-LIGHT짰 Touch K70 Specialty Pick-to-Light
More results

Similar Description - K7045D2

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPX120 EMERSON-NETWORKPOWER-LPX120 Datasheet
944Kb / 2P
   Enclosure
logo
Astec America, Inc
LPX80 ASTEC-LPX80 Datasheet
742Kb / 1P
   ENCLOSURE
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
   Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
FIBOX Enclosing innovat...
6011931 FIBOX-6011931 Datasheet
85Kb / 3P
   Enclosure. PC
05.08.2022
6012331 FIBOX-6012331 Datasheet
445Kb / 3P
   Enclosure. PC
05.08.2022
6016324 FIBOX-6016324 Datasheet
72Kb / 3P
   Enclosure. PC
08.08.2022
6016334 FIBOX-6016334 Datasheet
89Kb / 3P
   Enclosure. PC
08.08.2022
6011902 FIBOX-6011902 Datasheet
68Kb / 3P
   Enclosure. PC
05.08.2022
6012915 FIBOX-6012915 Datasheet
69Kb / 3P
   Enclosure. PC
05.08.2022
2538061 FIBOX-2538061 Datasheet
64Kb / 2P
   Enclosure, PC
18.01.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com