Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1220 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1220
Description  Silicon PNP Epitaxial Planar Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1220 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1220 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
1 Emitter
2 Base
3 Collector
Silicon PNP Epitaxial Planar Type
2SB1220
Features
High collector-emitter voltage VCEO
Low noise voltage NV
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-150
V
Collector-emitter voltage
VCEO
-150
V
Emitter-base voltage
VEBO
-5
V
Peak collector current
ICP
-100
mA
Collector current
IC
-50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter voltage
VCEO
IC = -100 ìA, IB = 0
-150
V
Emitter-base voltage
VEBO
IE =-10 ìA, IC =0
-5
V
Collector-base cutoff current
ICBO
VCB = -100 V, IE =0
-1
ìA
Forward current transfer ratio
hFE
VCE =-5V, IC = -10 mA
130
450
Collector-emitter saturation voltage
VCE(sat) IC =-30 mA, IB =-3mA
-1
V
Transition frequency
fT
VCB =-10 V, IE = 10 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB =-10 V, IE = 0,f= 1 MHz
4
pF
Noixe voltage
NV
VCE =-10 V, IC =-1mA, GV =80dB,
Rg = 100KÙ
, Function = FLAT
150
mV
hFE Classification
Marking
Rank
R
S
T
hFE
130
220
185
330
260
450
I


Similar Part No. - 2SB1220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1220 PANASONIC-2SB1220 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
logo
Guangdong Kexin Industr...
2SB1220-R KEXIN-2SB1220-R Datasheet
956Kb / 2P
   PNP Transistors
2SB1220-S KEXIN-2SB1220-S Datasheet
956Kb / 2P
   PNP Transistors
2SB1220-T KEXIN-2SB1220-T Datasheet
956Kb / 2P
   PNP Transistors
2SB1220 KEXIN-2SB1220_15 Datasheet
956Kb / 2P
   PNP Transistors
More results

Similar Description - 2SB1220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com