Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1661 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTA1661
Description  Epitaxial Planar PNP Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1661 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1661 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Epitaxial Planar PNP Transistor
KTA1661
Features
High Voltage: VCEO=-120V
High Transition Frequency:fT=120MHz
Small Flat Package
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Colletor-Base Voltage
VCBO
-120
V
Colletor-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-800
mA
Base Current
IB
-160
mA
PC
500
mW
PC*1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55to150
* mounted on ceramic substrate (250mm
2X0.8t)
Colletor Power Dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB=-120V,IE=0
-100
nA
Emitter Cut-off Current
IEBO
VCE=5V,IC=0
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA,IB=0
-120
V
Emitter-Base Breakdown Voltage
B(BR)EBO
IE=-1mA,IC=0
-5.0
V
DC Current Gain
hFE
VCE=-5V,IC=-100mA
80
240
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA,IB=-50mA
-1.0
V
Base-Emitter Voltage
VBE
VCE=-5V,IC=-500mA
-1.0
V
Transition Frequency
fT
VCE=-5V,IC=-100mA
120
MHz
Colletor Output Capacitance
Cob
VCB=-10V,IE=0,f=1MHz
30
pF
hFE Classification
Marking
DO
DY
Rank
O
Y
Type
80
160
120
240


Similar Part No. - KTA1661

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1661 KEC-KTA1661 Datasheet
47Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Nanjing International G...
KTA1661 DGNJDZ-KTA1661 Datasheet
978Kb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1661-O KEXIN-KTA1661-O Datasheet
917Kb / 2P
   PNP Transistors
KTA1661-Y KEXIN-KTA1661-Y Datasheet
917Kb / 2P
   PNP Transistors
More results

Similar Description - KTA1661

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com