Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1782IS6 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1782IS6
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782IS6 Datasheet(HTML) 2 Page - Linear Technology

  LT1782IS6 Datasheet HTML 1Page - Linear Technology LT1782IS6 Datasheet HTML 2Page - Linear Technology LT1782IS6 Datasheet HTML 3Page - Linear Technology LT1782IS6 Datasheet HTML 4Page - Linear Technology LT1782IS6 Datasheet HTML 5Page - Linear Technology LT1782IS6 Datasheet HTML 6Page - Linear Technology LT1782IS6 Datasheet HTML 7Page - Linear Technology LT1782IS6 Datasheet HTML 8Page - Linear Technology LT1782IS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1782
Total Supply Voltage (V+ to V) .............................. 18V
Input Differential Voltage ........................................ 18V
Input Pin Voltage to V ............................... + 24V/–10V
Shutdown Pin Voltage Above V............................ 18V
Shutdown Pin Current .......................................
±10mA
Output Short-Circuit Duration (Note 2) ........... Indefinite
Operating Temperature Range (Note 3)
LT1782C ............................................ – 40
°C to 85°C
LT1782I ............................................. – 40
°C to 85°C
LT1782H ......................................... – 40
°C to 125°C
(Note 1)
Specified Temperature Range (Note 4)
LT1782C ............................................ – 40
°C to 85°C
LT1782I ............................................. – 40
°C to 85°C
LT1782H ......................................... – 40
°C to 125°C
Junction Temperature........................................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LT1782CS5
LT1782IS5
LT1782HS5
TJMAX = 150°C, θJA = 250°C/ W
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 230°C/ W
S5 PART MARKING
S6 PART MARKING
LTLD
LTLE
LTXK
LT1782CS6
LT1782IS6
LT1782HS6
LTIS
LTIT
LTXL
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power tested unless otherwise specified.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
4
5
3
1
OUT
V
+IN
V+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
2
+ –
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
OUT
V
+IN
V+
SHDN
–IN
+ –
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
LT1782C/LT1782I
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
400
800
µV
0
°C ≤ TA ≤ 70°C
q
950
µV
–40
°C ≤ TA ≤ 85°C
q
1100
µV
∆VOS/∆T Input Offset Voltage Drift (Note 7)
q
25
µV/°C
IOS
Input Offset Current
q
0.7
2
nA
VCM = 18V (Note 5)
q
1
µA
IB
Input Bias Current
q
815
nA
VCM = 18 (Note 5)
q
612
µA
SHDN or VS = 0V, VCM = 0V to 18V
0.1
nA
Input Bias Current Drift
–40
°C ≤ TA ≤ 85°C
q
0.01
nA/
°C
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 1kHz
50
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.05
pA/
√Hz


Similar Part No. - LT1782IS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
logo
Linear Dimensions Semic...
LT1782 LINEAR_DIMENSIONS-LT1782 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1782 LINER-LT1782 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LT1782IS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com