Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSP-480 Datasheet(PDF) 1 Page - Altech corporation

Part # PSP-480
Description  480W Single Phase Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PSP-480 Datasheet(HTML) 1 Page - Altech corporation

  PSP-480 Datasheet HTML 1Page - Altech corporation PSP-480 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PSP-48024
PSP-48048
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE R EGULATION
LOAD REGULATION
SETUP, RISE, HOLD TIME
VOLTAGE R ANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (max.)
LEAKAGE CURRENT
OVER TEMPERATURE
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER L OAD
OVER VOLTAGE
AC CURRENT
1200ms, 40ms, 16ms/230VAC at full load
180 ~ 264VAC
2 50 ~ 370VDC
47 ~ 63Hz
89%
0.7 (for DRP-480)
4A/230V AC
4A/230VAC
54 ~60V
54 ~60V
COLD START 40A/230V AC
<3.5mA/ 240VAC
105 ~ 150% rated output power
30 ~ 36V
30 ~ 36V
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
100
5 (TSW : Detect on heatsink of power switch)
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
UL508, EN60950 Approved, UL60950-1
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3(For DRP-480)
Compliance to EN61000-4-2,3,4,5,6,8,1
1, ENV50204, EN61000-6-2 (EN50082-2) Heavy industry level, criteria
A
-20 ~ +70 (Refer to output load derating curve)
20 ~ 90% RH non-condensing
-20 ~ +85 , 10 ~ 95% RH
0.03%/ (0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
180.9Khrs min.
MIL-HDBK-217F (25 )
227*125.2*100mm (W*H*D)
2.4Kg; 6pcs/15Kg/1.75CUFT
POWER FACTOR
48V
10A
0 ~ 10A
480W
120mVp-p
48 ~ 53V
1.0%
0.5%
1.0%
24V
20A
0 ~ 20A
480W
120mVp-p
24 ~ 28V
1.0%
0.5%
1.0%
B uilt-in pas s ive P F C f unction c ompliance to E N61000-3-2(F or D R P -480)
High e fficiency 8 9% a nd low dis s ipation
P rotections :S hort circuit/Over load/Over voltage/Over temperature
C ooling by free a ir c onvection
B uilt-in c ons tant current limiting c ircuit
C an be i ns talled on D IN r ail T S -35/7.5 o r 1 5
UL 5 08(indus trial c ontrol e quipment)approved
E N61000-6-2(E N50082-2) i ndus trial immunity level
100% f ull load burn-in tes t
3 y ears w arranty
F eatures :
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
EMI CONDUCTION & RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
1. A ll parameters N OT s pecially mentioned are measured at 230VAC i nput, rated load and 25
of ambient temperature.
2. R ipple & n oise a re measured at 20MHz of bandwidth by using a 1 2" twisted pair-wire terminated with a 0 .1uf & 4 7uf parallel capacitor.
3. T olerance : i ncludes s et up tolerance, line regulation and load regulation.
4. T he power s upply is c onsidered a c omponent which will be installed into a f inal equipment. T he final equipment must be re-confirmed that it still meets
E MC d irectives.
R
PSP-480 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
480W Single Phase Industrial DIN Rail Power Supply


Similar Part No. - PSP-480

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PSP-48024 ALTECH-PSP-48024 Datasheet
156Kb / 1P
   PS-S2024
PSP-48048 ALTECH-PSP-48048 Datasheet
110Kb / 2P
   480W Single Phase Industrial DIN Rail Power Supply
PSP-480S ALTECH-PSP-480S Datasheet
110Kb / 2P
   480W Single Phase Industrial DIN Rail Power Supply
More results

Similar Description - PSP-480

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PSP480S ALTECH-PSP480S_1 Datasheet
110Kb / 2P
   480W Single Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DRT-480 MEANWELL-DRT-480_08 Datasheet
295Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-480 ASTRODYNE-DRT-480 Datasheet
346Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST480 ALTECH-PST480_1 Datasheet
115Kb / 2P
   480W Three-Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-480 TOTAL-POWER-DRT-480 Datasheet
381Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-480 MEANWELL-DRT-480 Datasheet
284Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Applied Motion Products...
PS480D48 AMP-PS480D48 Datasheet
851Kb / 4P
   DIN Rail Power Supply ??Industrial ??480W
logo
Mean Well Enterprises C...
WDR-480_1111 MEANWELL-WDR-480_1111 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
WDR-480 MEANWELL-WDR-480 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com