Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTK-600MH Datasheet(PDF) 5 Page - Altech corporation

Part # GTK-600MH
Description  Contactors (9 to 85A) Frame size
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GTK-600MH Datasheet(HTML) 5 Page - Altech corporation

  GTK-600MH Datasheet HTML 1Page - Altech corporation GTK-600MH Datasheet HTML 2Page - Altech corporation GTK-600MH Datasheet HTML 3Page - Altech corporation GTK-600MH Datasheet HTML 4Page - Altech corporation GTK-600MH Datasheet HTML 5Page - Altech corporation GTK-600MH Datasheet HTML 6Page - Altech corporation GTK-600MH Datasheet HTML 7Page - Altech corporation GTK-600MH Datasheet HTML 8Page - Altech corporation GTK-600MH Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
3NO main contacts
1 auxiliary contact
*
* See page 6 for how to specify the type of auxiliary switch (N.O. or N.C.).
Screw clamp type
Fast-on type
Cage clamp type
Solder pin type
AU-2M
AU-1M
AU-4M
AU-2MF
AU-1MF
AU-4MF
AU-2MC
AU-1MC
AU-4MC
AU-1MP
Overload Relays
Bimetallic style
Type GT
Class 10A
DC coil
DC coil
DC coil
DC coil
Ratings / IEC60947-4
kW
A
kW
A
kW
A
kW
A
AC1
20
20
20
20
AC3
200/240V
1.5
7
2.2
9
3
12
4
15
380/440V
2.2
6
4
9
5.5
12
7.5
16
500/550V
3
5
3.7
6
4
7
5.5
9
690V
3
4
4
5
4
5
4
5
Ratings / UL508
hp
A
hp
A
hp
A
hp
A
2
3
0
3
5
2
0
2
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
2
1
5
.
0
5
.
0
V
5
1
1
e
s
a
h
p
e
l
g
n
i
s
230V
3
3
2
1
three phase
200V
7
5
3
2
230V
5
.
7
5
3
2
0
1
0
1
5
.
7
5
V
0
6
4
575V
7.5
10
15
15
0
0
0
0
0
0
0
e
z
i
s
A
M
E
N
Additional
Auxiliary
Contacts
2-pole, Front mount
4-pole, Front mount
2-pole, Side mount
Fast-on type
Cage clamp type
Solder pin type
GT-12M
Setting
ranges (A)
Differential
Non-differential (3-heater)
Non-differential (2-heater)
GTK-12M
GTH-12M/3
GTH-12M
0.1 - 0.16
0.16 - 0.25
0.25 - 0.4
0.4 - 0.63
0.63 - 1
1 - 1.6
1.6 - 2.5
2.5 - 4
4 - 6
5 - 8
6 - 9
7 - 10
9 - 13
12 - 16
A
6
1
A
2
1
A
9
A
6
e
z
i
s
e
m
a
r
F
Screw clamp type
GMC-6M
GMC-9M
GMC-12M
GMC-16M
GMD-6M
GMD-9M
GMD-12M
GMD-16M
GMC-6MF
GMC-9MF
GMC-12MF
GMC-16MF
GMD-6MF
GMD-9MF
GMD-12MF
GMD-16MF
GMC-6MC
GMC-9MC
GMC-12MC
GMC-16MC
GMD-6MC
GMD-9MC
GMD-12MC
GMD-16MC
GMC-6MP
GMC-9MP
GMC-12MP
GMC-16MP
GMD-6MP
GMD-9MP
GMD-12MP
GMD-16MP
C
Screw clamp type
Fast-on type
OPTIONAL
STANDARD
Cage clamp type
Solder pin type
AC coil
AC coil
AC coil
AC coil
Mini Contactors and Overloads
C
Available coil voltages
AC 50/60Hz: 24, 36, 42, 48, 110, 115, 120, 127, 200/208, 220, 220/230, 230/240, 256, 277,
380/400, 400, 440, 480, 500, 550, 600V (60Hz)
DC: 12, 20, 24, 36, 42, 48, 60, 72, 110, 120, 125, 220, 240, 250V
Ordering Example: GMC-6M-10-AC120V (see also page 6)
5
For further technical
information see page 13.
Base for
separate
mounting
AZ-12H
N


Similar Part No. - GTK-600MH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GTK1000-A-A GLENAIR-GTK1000-A-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-B GLENAIR-GTK1000-A-B Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-C GLENAIR-GTK1000-A-C Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-E GLENAIR-GTK1000-A-E Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-B-A GLENAIR-GTK1000-B-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
More results

Similar Description - GTK-600MH

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT1966-4G SIEMENS-3RT1966-4G Datasheet
117Kb / 2P
   FRAME TERMINAL BLOCK FOR CONTACTORS SIZE S10/S12 FOR OVERLOAD RELAY 3RB106
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
Zhejiang DongYa Electro...
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com