Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTK-12M3 Datasheet(PDF) 1 Page - Altech corporation

Part # GTK-12M3
Description  Contactors (9 to 85A) Frame size
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GTK-12M3 Datasheet(HTML) 1 Page - Altech corporation

  GTK-12M3 Datasheet HTML 1Page - Altech corporation GTK-12M3 Datasheet HTML 2Page - Altech corporation GTK-12M3 Datasheet HTML 3Page - Altech corporation GTK-12M3 Datasheet HTML 4Page - Altech corporation GTK-12M3 Datasheet HTML 5Page - Altech corporation GTK-12M3 Datasheet HTML 6Page - Altech corporation GTK-12M3 Datasheet HTML 7Page - Altech corporation GTK-12M3 Datasheet HTML 8Page - Altech corporation GTK-12M3 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
includes AU-1
auxililary switch,
(1 N.O. / 1 N.C.)
For further technical information
see pages 8-9.
For further technical information
visit altechcorp.com.
i
Types
AC coil
DC coil
Ratings / IEC60947-4
kW
A
kW
A
kW
A
kW
A
AC1
25
25
40
40
AC3
200/240V
2.5
11
3.5
13
4.5
18
5.5
22
380/440V
4
9
5.5
12
7.5
18
11
22
500/550V
4
7
7.5
12
7.5
13
15
22
690V
4
5
7.5
9
7.5
9
15
18
Ratings / UL508
hp
A
hp
A
hp
A
hp
A
2
3
0
3
5
2
0
2
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
2
1
5
.
0
5
.
0
V
5
1
1
e
s
a
h
p
e
l
g
n
i
s
230V
3
3
2
1
three phase
200V
7
5
3
2
230V
5
.
7
5
3
2
0
1
0
1
5
.
7
5
V
0
6
4
575V
7.5
10
15
15
0
0
0
0
0
0
e
z
i
s
A
M
E
N
Types
AC coil
GMC-9/4
GMC-12/4
GMC-18/4
GMC-22/4
DC coil
GMD-9/4
GMD-12/4
GMD-18/4
GMD-22/4
AC1(A)
20
20
25
32
Additional
Auxiliary Contacts
GMD-9
GMC-9
GMD-12
GMC-12
GMD-18
GMC-18
GMD-22
GMC-22
3-pole Contactors
Contactors (9 to 85A)
Cont
9AA
2
2
A
8
1
A
2
1
e
z
i
s
e
m
a
r
F
4-pole Contactors
Overload Relays
Bimetallic style
Type GT
Base for
separate
mounting
Setting
ranges (A)
Differential
Non-differential (2-heater)
Class 20
Differential
GTK-22
GTH-22/3
GTH-22
GTK-22/L
0.1 - 0.16
0.16 - 0.25
0.25 - 0.4
0.4 - 0.63
0.63 - 1
1 - 1.6
1.6 - 2.5
2.5 - 4
4 - 6
5 - 8
6 - 9
7 - 10
9 - 13
12 - 16
16 - 22
Class 10A
Non-differential (3-heater)
GT-22AZ-22H
A
Configuration
Part No.
2 N.O.
AU-2-20
2 N.C.
AU-2-02
1 N.O. / 1 N.C.
AU-2-11
Configuration
Part No.
4 N.O.
AU-4-40
Configuration
Part No.
1 N.O. / 1 N.C.
AU-1
3 N.O. / 1 N.C.
AU-4-31
2 N.O. / 2 N.C.
AU-4-22
1 N.O. / 3 N.C.
AU-4-13
4 N.C.
AU-4-04
C
Available coil voltages
AC: 24, 42, 48, 110, 120, 208, 220, 240, 277, 380, 440, 480, 600V
DC: 12, 20, 24, 48, 60, 80, 100, 110, 125, 200, 220, 250V
Ordering Example: GMC-9-AC120V (see also page 6)
A
1
2-pole
Front mount
AU-2
4-pole
Front mount
AU-4
2-pole
Side mount
AU-1
2


Similar Part No. - GTK-12M3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GTK1000-A-A GLENAIR-GTK1000-A-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-B GLENAIR-GTK1000-A-B Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-C GLENAIR-GTK1000-A-C Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-E GLENAIR-GTK1000-A-E Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-B-A GLENAIR-GTK1000-B-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
More results

Similar Description - GTK-12M3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT1966-4G SIEMENS-3RT1966-4G Datasheet
117Kb / 2P
   FRAME TERMINAL BLOCK FOR CONTACTORS SIZE S10/S12 FOR OVERLOAD RELAY 3RB106
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
Zhejiang DongYa Electro...
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com