|
| MMSZ5221BS |
|
||
|
KEXIN |
|
2 page
SMD Type Diodes www.kexin.com.cn 2 MMSZ5221BS - MMSZ5260BS Electrical Characteristics (Ta = 25 ) Nom. Min. Max. IZT (mA) ZZT @IZT ( ) ZZK @IZK =0.25mA ( ) IR ( A) @VR (V) MMSZ5221BS 2.4 2.28 2.52 20 30 1200 100 1 C1 MMSZ5223BS 2.7 2.57 2.84 20 30 1300 75 1 C3 MMSZ5225BS 3.0 2.85 3.15 20 30 1600 50 1 C5 MMSZ5226BS 3.3 3.14 3.47 20 28 1600 25 1 G1 MMSZ5227BS 3.6 3.42 3.78 20 24 1700 15 1 G2 MMSZ5228BS 3.9 3.71 4.10 20 23 1900 10 1 G3 MMSZ5229BS 4.3 4.09 4.52 20 22 2000 5 1 G4 MMSZ5230BS 4.7 4.47 4.94 20 19 1900 5 2 G5 MMSZ5231BS 5.1 4.85 5.36 20 17 1600 5 2 E1 MMSZ5232BS 5.6 5.32 5.88 20 11 1600 5 3 E2 MMSZ5233BS 6.0 5.70 6.30 20 7 1600 5 3.5 E3 MMSZ5234BS 6.2 5.89 6.51 20 7 1000 5 4 E4 MMSZ5235BS 6.8 6.46 7.14 20 5 750 3 5 E5 MMSZ5236BS 7.5 7.13 7.88 20 6 500 3 6 F1 MMSZ5237BS 8.2 7.79 8.61 20 8 500 3 6.5 F2 MMSZ5238BS 8.7 8.27 9.14 20 8 600 3 6.5 F3 MMSZ5239BS 9.1 8.65 9.56 20 10 600 3 7 F4 MMSZ5240BS 10 9.50 10.50 20 17 600 3 8 F5 MMSZ5241BS 11 10.45 11.55 20 22 600 2 8.4 H1 MMSZ5242BS 12 11.40 12.60 20 30 600 1 9.1 H2 MMSZ5243BS 13 12.35 13.65 9.5 13 600 0.5 9.9 H3 MMSZ5245BS 15 14.25 15.75 8.5 16 600 0.1 11 H5 MMSZ5246BS 16 15.20 16.80 7.8 17 600 0.1 12 J1 MMSZ5248BS 18 17.10 18.90 7.0 21 600 0.1 14 J3 MMSZ5250BS 20 19.00 21.00 6.2 25 600 0.1 15 J5 MMSZ5251BS 22 20.90 23.10 5.6 29 600 0.1 17 K1 MMSZ5252BS 24 22.80 25.20 5.2 33 600 0.1 18 K2 MMSZ5254BS 27 25.65 28.35 4.6 41 600 0.1 21 K4 MMSZ5255BS 28 26.60 29.40 4.5 44 600 0.1 21 K5 MMSZ5256BS 30 28.50 31.50 4.2 49 600 0.1 23 M1 MMSZ5257BS 33 31.35 34.65 3.8 58 700 0.1 25 M2 MMSZ5258BS 36 34.20 37.80 3.4 70 700 0.1 27 M3 MMSZ5259BS 39 37.05 40.95 3.2 80 800 0.1 30 M4 MMSZ5260BS 43 40.85 45.15 3.0 93 900 0.1 33 M5 Marking Maximum Reverse Leakage Current Type Zener voltage VZ (V) Maximum Zener Impedance |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CZRW55C2V4-G | Surface Mount Zener Diodes | 1 2 3 4 | Comchip Technology |
| ZMD1 | Surface mount diode Zener silicon diodes | 1 | Semikron International |
| BZX84C | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| MMBZ5225B | 350mW Surface Mount Zener Diodes | 1 2 3 4 5 | TAITRON Components Incorporated |
| BZX584C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZM55-C2V4 | SURFACE MOUNT ZENER DIODES | 1 2 3 | Pan Jit International Inc. |
| BZX784C2V4 | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| AZ23C2V4 | DUAL SURFACE MOUNT ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZM5221B | SURFACE MOUNT ZENER DIODES | 1 2 3 | Pan Jit International Inc. |
| DZ23C2V4 | DUAL SURFACE MOUNT ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |