Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTK-600H3 Datasheet(PDF) 3 Page - Altech corporation

Part # GTK-600H3
Description  Contactors (9 to 85A) Frame size
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GTK-600H3 Datasheet(HTML) 3 Page - Altech corporation

  GTK-600H3 Datasheet HTML 1Page - Altech corporation GTK-600H3 Datasheet HTML 2Page - Altech corporation GTK-600H3 Datasheet HTML 3Page - Altech corporation GTK-600H3 Datasheet HTML 4Page - Altech corporation GTK-600H3 Datasheet HTML 5Page - Altech corporation GTK-600H3 Datasheet HTML 6Page - Altech corporation GTK-600H3 Datasheet HTML 7Page - Altech corporation GTK-600H3 Datasheet HTML 8Page - Altech corporation GTK-600H3 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Types
AC/DC
0
5
1
-
C
M
G
5
2
1
-
C
M
G
0
0
1
-
C
M
G
common coil
Ratings / IEC60947-4
kW
A
kW
A
kW
A
AC1
0
0
2
0
5
1
0
5
1
AC3
200/240V
30
105
37
125
45
150
380/440V
55
105
60
120
75
150
500/550V
55
85
60
90
90
140
690V
55
65
60
70
90
100
Ratings / UL508
hp
A
hp
A
hp
A
0
1
2
0
6
1
0
6
1
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
5
1
0
1
5
.
7
V
5
1
1
e
s
a
h
p
e
l
g
n
i
s
5
2
0
2
5
1
V
0
3
2
0
4
0
4
0
3
V
0
0
2
e
s
a
h
p
e
e
r
h
t
0
5
0
4
0
3
V
0
3
2
0
0
1
5
7
0
6
V
0
6
4
0
0
1
5
7
0
6
V
5
7
5
4
3
3
e
z
i
s
A
M
E
N
Types
AC/DC
GMC-100/4
GMC-125/4
GMC-150/4
common coil
AC1(A)
0
0
2
5
5
1
0
5
1
Additional
Auxiliary Contacts
3-pole Contactors
100A
A
0
5
1
A
5
2
1
e
z
i
s
e
m
a
r
F
4-pole Contactors
Overload Relays
Bimetallic style
Type GT
Setting ranges (A)
Differential
Class 10A
Non-differential (3-heater)
Non-differential (2-heater)
Class 20
Differential
GTK-100
GTH-100/3
GTH-100
GTK-100/L
GTK-150
GTH-150/3
GTH-150
GTK-150/L
34 - 50
39 - 57
43 - 65
54 - 80
65 - 100
85 - 125
Setting ranges (A)
34 - 50
39 - 57
43 - 65
54 - 80
65 - 100
85 - 125
100 - 150
Contactors (100 to 800A)
Cont
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
includes 2 AU-100
auxililary switches,
(2 N.O. / 2 N.C.)
i
Available nominal coil voltages
(AC 50/60Hz); (DC)
AC: 24 (24-25), 48 (48-50), 100/200 (100-240), 300 (265-347), 400 (380-450), 500V (440-575)
DC: 24, 48, 100/200V (100-220)
Ordering Example: GMC-100-AC100/200V (see also page 6)
A
3
For further technical information
see pages 10-11.
For further technical information
visit altechcorp.com.
GT- 100
GT- 150
GT- 220
GT- 400
G
AU-100
1NO+1NC, Side mount
1


Similar Part No. - GTK-600H3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GTK1000-A-A GLENAIR-GTK1000-A-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-B GLENAIR-GTK1000-A-B Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-C GLENAIR-GTK1000-A-C Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-A-E GLENAIR-GTK1000-A-E Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
GTK1000-B-A GLENAIR-GTK1000-B-A Datasheet
224Kb / 1P
   Fiber Optic Testing Kit
More results

Similar Description - GTK-600H3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3RT1966-4G SIEMENS-3RT1966-4G Datasheet
117Kb / 2P
   FRAME TERMINAL BLOCK FOR CONTACTORS SIZE S10/S12 FOR OVERLOAD RELAY 3RB106
logo
Tyco Electronics
PBC MACOM-PBC Datasheet
303Kb / 4P
   Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
logo
Nihon Inter Electronics...
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
   85A 450~500V
logo
Zhejiang DongYa Electro...
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com