Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1124 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1124
Description  PNP Epitaxial Planar Silicon Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1124 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1124 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1124 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Epitaxial Planar Silicon Transistors
2SB1124
Features
Adoption of FBET, MBIT processes.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Large current capacity and wide ASO.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-60
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-3
A
Collector current (pulse)
ICP
-6
A
Collector dissipation
PC
500
mW
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150


Similar Part No. - 2SB1124

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1124 SANYO-2SB1124 Datasheet
122Kb / 4P
   High-Current Switching Applications
logo
ON Semiconductor
2SB1124 ONSEMI-2SB1124 Datasheet
355Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCEsat, PNP,NPN Single PCP
September, 2013
2SB1124 ONSEMI-2SB1124 Datasheet
355Kb / 7P
   Bipolar Transistor
September, 2013
logo
SHIKUES Electronics
2SB1124 SKTECHNOLGY-2SB1124 Datasheet
376Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
2SB1124 SANYO-2SB1124 Datasheet
458Kb / 7P
   High Current Switching Applications
More results

Similar Description - 2SB1124

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com