Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5928B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SMA5928B
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SMA5928B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SMA5928B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1SMA5928B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Surface Mount Zener Diodes
1SMA59-B Series
Features
Flat Handling Surface for Accurate Placement
Standard Zener Breakdown Voltage Range -3.3V to 68V
Low Profile Package
Absolute Maximum Ratings (Ta = 25
)
Parameter
Symbol
Rating
Unit
Power dissipation
@ TL =75
P
1500
mW
Thermal Resistance, Junction to Lead
R JL
50
/W
Power dissipation
@ TA =25
P
500
mW
Thermal Resistance, Junction to Ambient
R JA
250
/W
Jumction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Electrical Characteristics (Ta = 25
)
Min.
Mom.
Max.
@IZT
(mA)
ZZT @IZT
(
)
ZZK
(
)
@IZK
(mA)
IR
(
A)
@VR
(V)
1SMA5913B
3.13
3.3
3.47
113.6
10
500
1.0
50
1.0
455
813B
1SMA5914B
3.42
3.6
3.78
104.2
9.0
500
1.0
35.5
1.0
417
814B
1SMA5915B
3.70
3.9
4.10
96.1
7.5
500
1.0
12.5
1.0
385
815B
1SMA5916B
4.08
4.3
4.52
87.2
6.0
500
1.0
2.5
1.0
349
816B
1SMA5917B
4.46
4.7
4.94
79.8
5.0
500
1.0
2.5
1.5
319
817B
1SMA5918B
4.84
5.1
5.36
73.5
4.0
350
1.0
2.5
2.0
294
818B
1SMA5919B
5.32
5.6
5.88
66.9
2.0
250
1.0
2.5
3.0
268
819B
1SMA5920B
5.89
6.2
6.51
60.5
2.0
200
1.0
2.5
4.0
242
820B
1SMA5921B
6.46
6.8
7.14
55.1
2.5
200
1.0
2.5
5.2
221
821B
1SMA5922B
7.12
7.5
7.88
50
3.0
400
0.5
2.5
6.0
200
822B
Marking
Leakage Current
Type
Zener voltage
VZ (V)
Zener Impedance
IZM
(mA)
(dc)


Similar Part No. - 1SMA5928B

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
1SMA5928B SYNSEMI-1SMA5928B Datasheet
82Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMA5928B EIC-1SMA5928B Datasheet
102Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMA5928B TAYCHIPST-1SMA5928B Datasheet
8Mb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES
logo
First Components Intern...
1SMA5928B FCI-1SMA5928B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
SUNMATE electronic Co.,...
1SMA5928B SUNMATE-1SMA5928B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
More results

Similar Description - 1SMA5928B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com