Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB792 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB792
Description  Silicon PNP Epitaxial Planar Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB792 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB792 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PNP Epitaxial Planar Type
2SB792,2SB792A
Features
High collector-emitter voltage VCEO
Low noise voltage NV
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SB792
-150
V
2SB792A
-185
V
Collector-emitter voltage
2SB792
-150
V
2SB792A
-185
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-50
mA
Peak collector current
ICP
-100
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
VCBO
VCEO
hFE Classification
2SB792
IR
IS
IT
2SB792A
2FR
2FS
RS
T
130
220
185
330
260
450
Marking
Rank
hFE
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter voltage
2SB792
-150
V
2SB792A
-185
V
Emitter-base voltage
VEBO
IE =-10 ìA, IC =0
-5
V
Collector-base cutoff current
ICBO
VCB = -100 V, IE =0
-1
ìA
Forward current transfer ratio
2SB792
130
450
2SB792A
130
330
Collector-emitter saturation voltage
VCE(sat) IC =-30 mA, IB =-3mA
-1
V
Transition frequency
fT
VCE =-10 V, IC = -10 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB =-10 V, IE = 0,f= 1 MHz
4
pF
Noise voltage
NV
VCE =-10 V, IC =-1mA, GV =80dB
Rg = 100KÙ, Function = FLAT
150
mV
VCEO
IC = -100 ìA, IB =0
hFE
VCE =-5V, IC =-10 mA


Similar Part No. - 2SB792

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SB792 PANASONIC-2SB792 Datasheet
71Kb / 3P
   For High Breakdown Voltage Low-noise Amplification
logo
Guangdong Kexin Industr...
2SB792-3 KEXIN-2SB792-3_15 Datasheet
962Kb / 2P
   PNP Transistors
2SB792-HF-3 KEXIN-2SB792-HF-3_15 Datasheet
1,017Kb / 2P
   PNP Transistors
More results

Similar Description - 2SB792

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com