Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSR19A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSR19A
Description  NPN High-Voltage Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSR19A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BSR19A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSR19A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN High-Voltage Transistors
BSR19,BSR19A
Features
Low current (max. 300 mA)
High voltage (max. 160 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
BSR19
160
V
BSR19A
180
V
Collector-emitter voltage
BSR19
140
V
BSR19A
160
V
Emitter-base voltage
VEBO
6V
Collector current
IC
300
mA
Peak collector current
ICM
600
mA
Base current
IB
100
mA
Peak base current
IBM
100
mA
Total power dissipation *
Ptot
250
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient *
Rth j-a
500
K/W
* Transistor mounted on an FR4 printed-circuit board.
VCEO
VCBO


Similar Part No. - BSR19A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR19A PHILIPS-BSR19A Datasheet
67Kb / 8P
   NPN high-voltage transistors
1997 Apr 21
BSR19A NXP-BSR19A Datasheet
137Kb / 8P
   NPN high voltage transistors
2004 Mar 15
logo
Continental Device Indi...
BSR19A CDIL-BSR19A Datasheet
91Kb / 3P
   SILICON N?밣?밡 HIGH?밮OLTAGE TRANSISTORS
logo
Nexperia B.V. All right...
BSR19A NEXPERIA-BSR19A Datasheet
211Kb / 8P
   NPN high voltage transistor
1 January 2023
BSR19A-Q NEXPERIA-BSR19A-Q Datasheet
191Kb / 9P
   NPN high voltage transistors
25 October 2021
More results

Similar Description - BSR19A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com