Electronic Components Datasheet Search |
|
LT1790ACS6-4.096 Datasheet(PDF) 6 Page - Linear Technology |
|
LT1790ACS6-4.096 Datasheet(HTML) 6 Page - Linear Technology |
6 / 24 page 6 LT1790 1790fa PARAMETER CONDITIONS MIN TYP MAX UNITS Output Voltage (Notes 3, 4) LT1790A 2.9985 3 3.0015 V –0.05 0.05 % LT1790B 2.9970 3 3.003 V –0.10 0.10 % LT1790AC q 2.99640 3 3.00360 V q –0.120 0.120 % LT1790AI q 2.99475 3 3.00525 V q –0.175 0.175 % LT1790BC q 2.99175 3 3.00825 V q –0.275 0.275 % LT1790BI q 2.98763 3 3.01238 V q –0.4125 0.4125 % Output Voltage Temperature Coefficient (Note 5) TMIN ≤ TA ≤ TMAX LT1790A q 5 10 ppm/ °C LT1790B q 12 25 ppm/ °C Line Regulation 3.5V ≤ VIN ≤ 18V 50 170 ppm/V q 220 ppm/V Load Regulation (Note 6) IOUT Source = 5mA 80 160 ppm/mA q 250 ppm/mA IOUT Sink = 3mA 70 110 ppm/mA q 300 ppm/mA Dropout Voltage (Note 7) VIN – VOUT, ∆VOUT = 0.1% IOUT = 0mA 50 100 mV q 120 mV IOUT Source = 5mA q 450 mV IOUT Sink = 3mA q 250 mV Supply Current No Load 35 60 µA q 80 µA Minimum Operating Current— VOUT = – 3V, 0.1% 100 125 µA Negative Output (See Figure 7) Turn-On Time CLOAD = 1µF 700 µs Output Noise (Note 8) 0.1Hz ≤ f ≤ 10Hz 50 µVP-P 10Hz ≤ f ≤ 1kHz 56 µVRMS Long-Term Drift of Output Voltage (Note 9) 50 ppm/ √kHr Hysteresis (Note 10) ∆T = 0°C to 70°C q 40 ppm ∆T = –40°C to 85°C q 100 ppm The q denotes specifications that apply over the specified temperature range, otherwise specifications are at TA = 25°C. CL = 1µF and VIN = 3.5V, unless otherwise noted. 3V ELECTRICAL CHARACTERISTICS |
Similar Part No. - LT1790ACS6-4.096 |
|
Similar Description - LT1790ACS6-4.096 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |