Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1790ACS6-5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1790ACS6-5
Description  Micropower SOT-23 Low Dropout Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790ACS6-5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1790ACS6-5 Datasheet HTML 6Page - Linear Technology LT1790ACS6-5 Datasheet HTML 7Page - Linear Technology LT1790ACS6-5 Datasheet HTML 8Page - Linear Technology LT1790ACS6-5 Datasheet HTML 9Page - Linear Technology LT1790ACS6-5 Datasheet HTML 10Page - Linear Technology LT1790ACS6-5 Datasheet HTML 11Page - Linear Technology LT1790ACS6-5 Datasheet HTML 12Page - Linear Technology LT1790ACS6-5 Datasheet HTML 13Page - Linear Technology LT1790ACS6-5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LT1790
1790fa
Note 9: Long-term drift typically has a logarithmic characteristic and
therefore changes after 1000 hours tend to be smaller than before that
time. Long-term drift is affected by differential stress between the IC and
the board material created during board assembly. See Applications
Information.
ELECTRICAL CHARACTERISTICS
Note 10: Hysteresis in the output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled to 85
°C or –40°C before a successive measurements. Hysteresis is
roughly proportional to the square of the temperature change. Hysteresis
is not a problem for operational temperature excursions where the
instrument might be stored at high or low temperature. See Applications
Information.
1.25V TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Temperature Drift
Load Regulation (Sourcing)
Minimum Input-Output Voltage
Differential (Sourcing)
Minimum Input-Output Voltage
Differential (Sinking)
Load Regulation (Sinking)
Supply Current vs Input Voltage
TEMPERATURE (
°C)
–50
1.247
1.248
1.249
1.250
1.251
–10
30
70
110
17091.25 G01
1.252
1.253
–30
10
50
90
FOUR TYPICAL PARTS
INPUT-OUTPUT VOLTAGE (V)
10
17901.25 G02
0.1
1
0.5
2.5
2
1.5
1
0
TA = 125°CTA = –55°C
TA = 25°C
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
–10
30
50
130
17091.25 G03
0.2
0.8
0.9
0.6
–30
10
70
90 110
5mA
100
µA
1mA
OUTPUT CURRENT (mA)
0.1
–2000
–1600
–1200
–800
–400
110
17901.25 G04
0
–1800
–1400
–1000
–600
–200
TA = –55°C
TA = 25°C
TA = 125°C
OUTPUT CURRENT (mA)
0.1
0
400
800
1200
1600
110
17901.25 G05
2000
200
600
1000
1400
1800
TA = –55°C
TA = 25°C
TA = 125°C
INPUT VOLTAGE (V)
60
80
100
15
17901.25 G06
40
20
50
70
90
30
10
0
5
0
10
20
TA = –55°C
TA = 25°C
TA = 125°C
Each of the voltage options have similar performance curves. For the 3V, 3.3V and the 4.096V options,
the curves can be estimated based on the 2.5V and 5V curves.


Similar Part No. - LT1790ACS6-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790ACS6-5-PBF LINER-LT1790ACS6-5-PBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
More results

Similar Description - LT1790ACS6-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com