Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS20 Datasheet(PDF) 6 Page - Altech corporation

Part # MS20
Description  MS016
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MS20 Datasheet(HTML) 6 Page - Altech corporation

  MS20 Datasheet HTML 1Page - Altech corporation MS20 Datasheet HTML 2Page - Altech corporation MS20 Datasheet HTML 3Page - Altech corporation MS20 Datasheet HTML 4Page - Altech corporation MS20 Datasheet HTML 5Page - Altech corporation MS20 Datasheet HTML 6Page - Altech corporation MS20 Datasheet HTML 7Page - Altech corporation MS20 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www .altechme xico .com
9
DOS POLOS
TRES POLOS
Clasif.
Corriente
Código
Aprobación
0.3A
2C0.306
0.5A
2C0.506
0.75A
2C0.756
0.8A
ND
1.0A
2C1.06
1.6A
2C1.66
2.0A
2C2.06
2.5A
2C2.56
3.0A
2C3.06
3.5A
2C3.56
4.0A
2C4.06
5.0A
2C5.06
6.0A
2C6.06
8.0A
2C8.06
10A
2C106
13A
2C136
16A
2C166
20A
2C206
25A
2C256
32A
2C326
40A
2C406
50A
2C506
63A
2C636
Código
Aprobación
3C0.306
3C0.506
3C0.756
ND
3C1.06
3C1.66
3C2.06
3C2.56
3C3.06
3C3.56
3C4.06
3C5.06
3C6.06
3C8.06
3C106
3C136
3C166
3C206
3C256
3C326
3C406
3C506
3C636
Parámetros del Disparo
Magnético Curva “C”
1. Mantenido por un minimo de 100ms en
sobre tensión ó 5 veces la corriente
nominal.
2. Disparo abajo de 100 ms a 10 veces la
intensidad nominal.
2C
3C
230/400V CA
0.3 - 63A (RC): 6kA
6.0 - 20A (RC) : 80A
25 - 32A (RC) : 100A
40 - 63A (RC) : 125A
20000 ON/OFF operaciónes
30°C (86°F)
5/1.4kg (3.1 lb.)
Arriba: 18-3 AWG; 0.5-25mm2
Abajo: 18-2 AWG; 0.5-35mm2
22 lb.in.; 2.5 Nm
230/400V CA
0.3 - 63A (RC): 6kA
6.0 - 20A (RC) : 80A
25 - 32A (RC) : 100A
40 - 63A (RC) : 125A
20000 ON/OFF operaciónes
30°C (86°F)
4/1.68kg (3.7 lb.)
Arriba: 18-3 AWG; 0.5-25mm2
Abajo: 18-2 AWG; 0.5-35mm2
22 lb.in.; 2.5 Nm
Dimensiones
Basicas
(vista lateral)
35 mm
(1.38 in.)
70 mm (2.76 in.)
91.5 mm
(3.60 in.)
35 mm (1.38 in.)
91.5 mm
(3.60 in.)
52.5 mm (2.07 in.)
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Disparo
0.3 - 10 Amps
12
3 4 5 68 10
20
40
100
Múltiplo de Corriente Nominal
1.13-1.45xI
N
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Disparo
13 - 63 Amps
12
3 4 5 68 10
20
40
100
Múltiplo de Corriente Nominal
1.13-1.45xI
N
M EXICO


Similar Part No. - MS20

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS20 MOSPEC-MS20 Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Weitron Technology
MS20 WEITRON-MS20 Datasheet
452Kb / 3P
   Surface Mount Schottky Power Rectifier
logo
AVX Corporation
MS20 AVX-MS20 Datasheet
178Kb / 2P
   MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
logo
Kingston Technology Far...
MS200 KINGSTON-MS200 Datasheet
524Kb / 2P
   Save space, time and money.
logo
Lorlin Electronics Ltd.
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
   MS2000 MAINS ROTARY SWITCH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com