Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA0.25U Datasheet(PDF) 1 Page - Altech corporation

Part # MA0.25U
Description  Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MA0.25U Datasheet(HTML) 1 Page - Altech corporation

  MA0.25U Datasheet HTML 1Page - Altech corporation MA0.25U Datasheet HTML 2Page - Altech corporation MA0.25U Datasheet HTML 3Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
32
1/2 (4.0)
3/4 (3.2)
3/4
(3.1)
1
(3.6)
2
(3.42)
3/4 (5.6)
11/2 (6.0)
11/2
(5.7)
11/2
(5.2)
3
(4.8)
1
(7.2)
2
(7.8)
2
(7.5)
3
(9.6)
5
(7.6)
2
(13.6)
3 (11.0)
3
(10.6)
5
(15.2)
10
(14.0)
3
(19.2)
5 (17.5)
5
(16.7)
5
(15.2)
10
(14.0)
3
(19.2)
5 (17.5)
71/2
(24.2)
71/2
(22.0)
15
(21.0)
5
(30.4)
71/2 (25.0)
71/2
(24.2)
10
(28.0)
20
(27.0)
5
(30.4)
10 (32.0)
10
(31.0)
10
(28.0)
25
(34.0)
MA0.16U
15.901U
0.1/ 0.12/0.14/0.16
MA0.25U
15.902U
0.16/0.19/0.22/0.25
MA0.40U
15.903U
0.25/0.30/0.35/0.40
MA0.63U
15.904U
0.40/0.48/0.56/0.63
MA1.0U
15.905U
0.63/0.75/0.87/1.0
MA1.6U
15.906U
1.0/1.2/1.4/1.6
MA2.5U
15.907U
1.6/1.9/2.2/2.5
MA4.0U
15.908U
2.5/3.0/3.5/4.0
MA6.3U
15.909U
4.0/4.8/5.6/6.3
MA10U
15.910U
6.3/7.5/8.7/10
MA16U
15.911U
10/12/14/16
MA20U
15.912U
16/17/18.5/20
MA25U
15.913U
20/21.5/23/25
MA32U
15.914U
25/27/30/32
MA40U
15.915U
32/34/37/40
Note: HEA - Horsepower Equivalent Amperes, the nominal amperage assigned to standard motor horsepower ratings in design guide tables such as
NFPA-70 Tables 430-248, 430-249, 430-250; UL1077 Table 16.2; CSA - C22.2 No. 235-M89 Tables 44 and 45; CSA-C22.2 No. 14-M91 Table 19, etc. Multiply
HEA values (in parenthesis) by 1.1 if power factor is 90%, and by 1.2 if power factor is 80%.
a The standard-circuit short-circuit rating is 14kA for all types. Group ratings can be used in a standard circuit (e.g., MA1.0U at 42kA), but a higher
standard rating cannot be used in a group circuit (e.g., MA40U at 14kA only in standard circuit.)
FLA Dial
Adjustment
Markings
Cat. No.
Type and
Rated
Current
3Ø HORSEPOWER RATINGS AT NOMINAL LINE VOLTAGE
(See Note for HEA Definition)
110-120V
HP (HEA)
200V
HP (HEA)
208V
HP (HEA)
GROUP SHORT
CIRCUIT RATING
AT 480VACa
(and BCP size)
42kARMS
symmetrical
(max. 1200A
MCCB
or RK5)
14kARMS
symmetrical
(max. 350A
MCCB
or RK5)
10kARMS
symmetrical
(max. 350A
MCCB
or RK5)
220-240V
HP (HEA)
460-480V
HP (HEA)
Through MA2.5U, ampere rated for motor circuits having a full-
load-amperage (FLA) not exceeding the MA’s general purpose
rated current (RC, equals maximum dial setting) and a locked
rotor current not exceeding 6 times the MA’s RC.
MA- Series
Three Phase Adjustable Trip
Miniature Circuit Breakers/
Manual Motor Controllers
The MA was designed to handle the high
inrush loads of 3 phase transformers,
power supplies, motors, etc. The MA
protects wiring and equipment from
damage caused by the three major
classes of over-current, yet greatly reduc-
es the number of nuisance trips in high
starting and inrush current circuits.
An IEC device with excellent ratings under
a UL listing at 480Y/277V (including group
ratings) and at 500V under international
standards, the Altech/ABL Sursum MA
provides short and long term cost effective
circuit protection for USA and/or export
applications. The short term advantages
include: (1) adjustable thermal trip allows
finalization of initial designs before
procurement of the load equipment is
complete; (2) snap-on mounting for readily
available, internationally standardized DIN
Rail saves panel layout design time as well
as installation and change labor; (3) large
cage-clamp terminals with screws suitable
to power screwdrivers, simplifies and
speeds
wiring; (4) convenient switched
disconnect during factory testing and/or
initial start-up saves time and aggravation.
The key long term advantage is customer
satisfaction and proven over-current pro-
tection of wiring and equipment (and the
lack of rework/repair costs).
UL508 listed
E137938
CAN/CSA-C22.2 No.14 certified
Type Designation
MA
RT
__
__
__
__
(a)
(b)
(c)
(d)
(a) = MA - Manual Motor Controller
(b) = Rated Current
(c) = U - US Housing
(d) = Blank - Standard Terminal
RT - Ring-tongue Terminal
Voltage Rating
AIC (Interrupt Capacity)
Standard Short Circuit Withstand Rating
(UL/CSA Ratings)
Group Short Circuit Ratings
(UL/CSA Ratings)
Typical Life
Calibration Temperature
Standard Pack and Weight
Terminal Size Acceptability
480Y/277VAC
0.16A-2.5A: 42kA; 4.0A-16A: 14kA; 20A-40A: 10kA
0.16A-2.5A: 42kA; 4.0A-16A: 14kA
see above
6000 on/off operations with 2xRC
25°C, +0°, -5° (77°F, +0° -9°)
1/450g (1.0 lb.)
Top/Bottom: 18-3 AWG


Similar Part No. - MA0.25U

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00 CK-COMPONENTS-MA00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Infineon Technologies A...
MA000039866 INFINEON-MA000039866 Datasheet
22Kb / 1P
   Material Content Data Sheet
15. October 2014
MA000040540 INFINEON-MA000040540 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040544 INFINEON-MA000040544 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040744 INFINEON-MA000040744 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
More results

Similar Description - MA0.25U

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Texas Instruments
TPIC43T01 TI1-TPIC43T01_14 Datasheet
423Kb / 28P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com