Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1790BC Datasheet(PDF) 6 Page - Linear Technology

Part # LT1790BC
Description  Micropower SOT-23 Low Dropout Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790BC Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1790BC Datasheet HTML 2Page - Linear Technology LT1790BC Datasheet HTML 3Page - Linear Technology LT1790BC Datasheet HTML 4Page - Linear Technology LT1790BC Datasheet HTML 5Page - Linear Technology LT1790BC Datasheet HTML 6Page - Linear Technology LT1790BC Datasheet HTML 7Page - Linear Technology LT1790BC Datasheet HTML 8Page - Linear Technology LT1790BC Datasheet HTML 9Page - Linear Technology LT1790BC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LT1790
1790fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Notes 3, 4)
LT1790A
2.9985
3
3.0015
V
–0.05
0.05
%
LT1790B
2.9970
3
3.003
V
–0.10
0.10
%
LT1790AC
q
2.99640
3
3.00360
V
q
–0.120
0.120
%
LT1790AI
q
2.99475
3
3.00525
V
q
–0.175
0.175
%
LT1790BC
q
2.99175
3
3.00825
V
q
–0.275
0.275
%
LT1790BI
q
2.98763
3
3.01238
V
q
–0.4125
0.4125
%
Output Voltage Temperature Coefficient (Note 5)
TMIN ≤ TA ≤ TMAX
LT1790A
q
5
10
ppm/
°C
LT1790B
q
12
25
ppm/
°C
Line Regulation
3.5V
≤ VIN ≤ 18V
50
170
ppm/V
q
220
ppm/V
Load Regulation (Note 6)
IOUT Source = 5mA
80
160
ppm/mA
q
250
ppm/mA
IOUT Sink = 3mA
70
110
ppm/mA
q
300
ppm/mA
Dropout Voltage (Note 7)
VIN – VOUT, ∆VOUT = 0.1%
IOUT = 0mA
50
100
mV
q
120
mV
IOUT Source = 5mA
q
450
mV
IOUT Sink = 3mA
q
250
mV
Supply Current
No Load
35
60
µA
q
80
µA
Minimum Operating Current—
VOUT = – 3V, 0.1%
100
125
µA
Negative Output (See Figure 7)
Turn-On Time
CLOAD = 1µF
700
µs
Output Noise (Note 8)
0.1Hz
≤ f ≤ 10Hz
50
µVP-P
10Hz
≤ f ≤ 1kHz
56
µVRMS
Long-Term Drift of Output Voltage (Note 9)
50
ppm/
√kHr
Hysteresis (Note 10)
∆T = 0°C to 70°C
q
40
ppm
∆T = –40°C to 85°C
q
100
ppm
The q denotes specifications that apply over the specified temperature
range, otherwise specifications are at TA = 25°C. CL = 1µF and VIN = 3.5V, unless otherwise noted.
3V ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1790BC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6-1.25-PBF LINER-LT1790BCS6-1.25-PBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6-2.048-PBF LINER-LT1790BCS6-2.048-PBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6-2.5-PBF LINER-LT1790BCS6-2.5-PBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6-3#TRMPBF LINER-LT1790BCS6-3#TRMPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
More results

Similar Description - LT1790BC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com