Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCB9424 Datasheet(PDF) 1 Page - Altech corporation

Part # MCB9424
Description  22 mm LED Bulbs MCB9xyyy
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MCB9424 Datasheet(HTML) 1 Page - Altech corporation

  MCB9424 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/15/2007
11/15/2007
Philipp Ernstberger
11/15/2007
22 mm LED Bulbs MCB9xyyy (x=color; yyy=voltage)
1PB-MCB9xyyy
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-MCB9xyyy
rev
-
ch.no.
-
description
original design
date
revised by
11/15/2007
Philipp E.
25.4 mm
[1.0 in]


Similar Part No. - MCB9424

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCB MERITEK-MCB Datasheet
433Kb / 15P
   Effective EMI protection
logo
Stackpole Electronics, ...
MCB SEI-MCB Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
List of Unclassifed Man...
MCB-01 ETC2-MCB-01 Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
MCB-01B ETC2-MCB-01B Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
MCB-01BG ETC2-MCB-01BG Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
More results

Similar Description - MCB9424

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MCB15XXX ALTECH-MCB15XXX Datasheet
424Kb / 1P
   30 mm Replacment LED Bulbs
BA15DXXX ALTECH-BA15DXXX Datasheet
145Kb / 1P
   30 mm Replacment Filament Bulbs
logo
Seme LAB
LL07 SEME-LAB-LL07 Datasheet
62Kb / 3P
   MINIATURE FLUORESCENT BULBS
logo
Altech corporation
2ALFXLB-YYY ALTECH-2ALFXLB-YYY Datasheet
152Kb / 1P
   22 mm LED Illuminated Metal Flush Momentary Operator
2PLLXL ALTECH-2PLLXL Datasheet
492Kb / 1P
   Lenses for 22 mm Pilot Lights with LED
2ASLXLB-Y-ZZZ ALTECH-2ASLXLB-Y-ZZZ Datasheet
282Kb / 1P
   22 mm LED Illuminated Metal Selector Switch Operator
2PLBXLB-YYY ALTECH-2PLBXLB-YYY Datasheet
335Kb / 1P
   22 mm LED Metal Pilot Light 2PLBx-LB-yyy
2ALPXLB-YYY ALTECH-2ALPXLB-YYY Datasheet
154Kb / 1P
   22 mm LED Illuminated Metal Projecting Operators 2ALPxLB-yyy
logo
EAO AG.
82-6571.1000 EAO-82-6571.1000 Datasheet
423Kb / 2P
   Pushbutton 22 mm Aluminium
05.09.2022
logo
TDK Electronics
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
   Connector type, Dimming, 7W, For 2 bulbs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com