Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA16U Datasheet(PDF) 3 Page - Altech corporation

Part # MA16U
Description  Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MA16U Datasheet(HTML) 3 Page - Altech corporation

  MA16U Datasheet HTML 1Page - Altech corporation MA16U Datasheet HTML 2Page - Altech corporation MA16U Datasheet HTML 3Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
34
Lock-out **
Cat. No. EASS
Prevent inadvertent
resetting of the V-EA or MA
during maintenance.
Fits 1/4” pad lock.
Cooling Spacer
Cat. No. 15.960
FA - Shunt Trip
UA - Undervoltage Trip
H - Auxiliary Switch
*
Please consult Altech for your 50Hz application needs.
** V-EA and MA can also be locked in the on and off position by simply using a common lead or meter seal, which gets fed through the hole in the handle and
a corresponding hole in the housing.
Type/
Line Voltage
Cat. No.
60Hz*
UA120
120VAC
UA240
240VAC
UA277
277VAC
UA415
415VAC
UA480
480VAC
Std.Pk.: 1
Unit Weight: 70 grams (0.16 lb.)
Width: 17.5mm (.689in.)
V-EA and MA
Circuit Breaker
Accessories
Accessories can be factory or field mounted on V-EA and MA manual motor controllers for enhanced
control and monitoring capabilities. Field mounting kits include all necessary parts and instructions.
Accessories can be gang mounted on a single controller (the Auxiliary Switch in the outside position).
The mounting arrangement links the internal latch-pins for the tripping mechanisms, ensuring simul-
taneous trips. Handles are linked to simplify manual resetting.
Type/
Contact
Wire
Cat. No.
Rating
Size
Approvals
For Use With:
H11U
10A / 220V AC
4mm2 (12 AWG)
V-EA, MA
3A / 110V DC or pulsed
1A / 220V DC or pulsed
Std. Pk.: 1
Unit Weight: 45 grams (0.12 lb.)
Width: 9mm (.354in.)
UL
Trip/Coil
Type/
Voltage
Max. Coil
Cat. No.
AC or DC
Current
Approvals
FA12U
12V
1.3A
FA24U
24V
0.6A
FA48U
48-72V
0.2A
FA110U
110V/220V
0.25A/0.5A
Std.Pk.: 1
Unit Weight: 120 grams (0.27 lb.)
Width: 17.5mm (.689in.)
UL
UL
UL
UL
UL508 listed
E137938


Similar Part No. - MA16U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA161 PANASONIC-MA161 Datasheet
50Kb / 2P
   Silicon epitaxial planar type
logo
Murata Manufacturing Co...
MA16101BAN MURATA-MA16101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA16101BBN MURATA-MA16101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA16101CAN MURATA-MA16101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA16101CBN MURATA-MA16101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA16U

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Texas Instruments
TPIC43T01 TI1-TPIC43T01_14 Datasheet
423Kb / 28P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
V4-T1-6 ETC2-V4-T1-6 Datasheet
2Mb / 98P
   Miniature Circuit Breakers and Supplementary Protectors
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com