Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR63V-02V Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAR63V-02V
Description  RF PIN Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAR63V-02V Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAR63V-02V Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
RF PIN Diode
BAR63V-02V
Features
Low forward resistance
Space saving SOD-523 package with low series inductance
Very small reverse capacitance
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse voltage
VR
IR =10
A
50
V
Reverse current
IR
VR = 35 V
10
nA
Forward voltage
VF
IF = 100 mA
1.2
V
CD
f=1MHz,VR = 0
0.28
CD
f=1MHz,VR = 5 V
0.23
0.3
f = 100 MHz, IF =1mA
2.0
f = 100 MHz, IF =5mA
1.1
2.0
f = 100 MHz, IF =10mA
0.9
Charge carrier life time
trr
IF =10mA, IR =6mA,iR = 3 mA
115
ns
Diode capacitance
Forward resistance
rf
pF
Marking
Marking
C
A b solu te M a xim u m R atings T a = 2 5
Pa ra m e te r
S ym b o l
Va lu e
U n it
R e ve rs e voltage
V R
50
V
F o rw ard c urrent
IF
100
m A
Junction te m perature
T j
150
S torage te m perature
T stg
-5 5to+ 1 5 0
Junction solderin g point
R thJS
100
K /W


Similar Part No. - BAR63V-02V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR63V-02V VISHAY-BAR63V-02V Datasheet
153Kb / 4P
   RF PIN Diode - Single in SOD-523
Rev. 1.5, 29-Jun-05
BAR63V-02V-GS08 VISHAY-BAR63V-02V-GS08 Datasheet
153Kb / 4P
   RF PIN Diode - Single in SOD-523
Rev. 1.5, 29-Jun-05
BAR63V-02V-GS18 VISHAY-BAR63V-02V-GS18 Datasheet
153Kb / 4P
   RF PIN Diode - Single in SOD-523
Rev. 1.5, 29-Jun-05
More results

Similar Description - BAR63V-02V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR65V-02V VISHAY-BAR65V-02V Datasheet
63Kb / 4P
   RF PIN Diode
Rev. 1, 23-Oct-02
logo
Guangdong Kexin Industr...
BAR65V-02V KEXIN-BAR65V-02V Datasheet
31Kb / 1P
   RF PIN Diode
logo
Vishay Siliconix
BA980 VISHAY-BA980 Datasheet
895Kb / 3P
   RF PIN Diode
Rev. 1, 26-Mar-01
logo
Mitsubishi Electric Sem...
MI402 MITSUBISHI-MI402 Datasheet
173Kb / 3P
   PIN DIODE RF POWER SWITCHING
logo
DAICO Industries, Inc.
CSWX6152 DAICO-CSWX6152 Datasheet
35Kb / 1P
   PIN Diode RF Switch Matrix
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386J AVAGO-HSMP-386J_15 Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
Broadcom Corporation.
HSMP-386J BOARDCOM-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386J AVAGO-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
Mitsubishi Electric Sem...
MI308 MITSUBISHI-MI308 Datasheet
168Kb / 3P
   PIN DIODE RF POWER SWITCHING
logo
ON Semiconductor
NSDP301MX2W ONSEMI-NSDP301MX2W Datasheet
137Kb / 4P
   PIN Diode Single PIN Diode for Attenuator and RF Switch
June, 2020 ??Rev. P7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com