Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1791HN-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1791HN-PBF
Description  60V Fault Protected RS485/RS422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791HN-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1791HN-PBF Datasheet HTML 6Page - Linear Technology LT1791HN-PBF Datasheet HTML 7Page - Linear Technology LT1791HN-PBF Datasheet HTML 8Page - Linear Technology LT1791HN-PBF Datasheet HTML 9Page - Linear Technology LT1791HN-PBF Datasheet HTML 10Page - Linear Technology LT1791HN-PBF Datasheet HTML 11Page - Linear Technology LT1791HN-PBF Datasheet HTML 12Page - Linear Technology LT1791HN-PBF Datasheet HTML 13Page - Linear Technology LT1791HN-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
10
178591fb
APPLICATIONS INFORMATION
Overvoltage Protection
The LT1785/LT1791 RS485/RS422 transceivers answer an
applications need for overvoltage fault tolerance on data
networks. Industrial installations may encounter common
mode voltages between nodes far greater than the –7V to
12V range specified for compliance to RS485 standards.
CMOS RS485 transceivers can be damaged by voltages
above their absolute maximum ratings of typically –8V
to 12.5V. Replacement of standard RS485 transceiver
components with the LT1785 or LT1791 devices eliminates
field failures due to overvoltage faults or the use of costly
external protection devices. The limited overvoltage toler-
ance of CMOS RS485 transceivers makes implementation
of effective external protection networks difficult without
interfering with proper data network performance within
the –7V to 12V region of RS485 operation.
The high overvoltage rating of the LT1785/LT1791 facili-
tates easy extension to almost any level. Simple discrete
component networks that limit the receiver input and
driver output voltages to less than ±60V can be added
to the device to extend protection to any desired level.
Figure 11 shows a protection network against faults to
the120VAC line voltage.
The LT1785/LT1791 protection is achieved by using a high
voltage bipolar integrated circuit process for the transceiv-
ers. The naturally high breakdown voltages of the bipolar
process provides protection in powered-off and high
impedance conditions. The driver outputs use a foldback
current limit design to protect against overvoltage faults
while still allowing high current output drive.
ESD Protection
The LT1785/LT1791 I/O pins have on-chip ESD protection
circuitry to eliminate field failures caused by discharges to
exposed ports and cables in application environments. The
LT1785 pins A and B and the LT1791 driver output pins Y
and Z are protected to IEC-1000-4-2 level 2. These pins will
survive multiple ESD strikes of ±15kV air discharge or ±4kV
contact discharge. Due to their very high input impedance,
the LT1791 receiver pins are protected to IEC-1000-4-2
level 2, or ±15kV air and ±4kV contact discharges. This
level of ESD protection will guarantee immunity from field
failures in all but the most severe ESD environments. The
LT1791 receiver input ESD tolerance may be increased to
IEC level 4 compliance by adding 2.2k resistors in series
with these pins.
Low Power Shutdown
The LT1785/LT1791 have RE and DE logic inputs to control
the receive and transmit modes of the transceivers. The
RE input allows normal data reception when in the low
state. The receiver output goes to a high impedance state
when RE is high, allowing multiplexing the RO data line.
The DE logic input performs a similar function on the driver
outputs. A high state on DE activates the differential driver
outputs, a low state places both driver outputs in to high
impedance. Tying the RE and DE logic inputs together may
be done to allow one logic signal to toggle the transceiver
from receive to transmit modes. The DE input is used as
the data input in CAN bus applications.
Disabling both the driver and receiver places the device
into a low supply current shutdown mode. An internal
time delay of 3μs minimum prevents entering shutdown
due to small logic skews when a toggle between receive
and transmit is desired. The recovery time from shutdown
mode is typically 12μs. The user must be careful to allow
for this wake-up delay from shutdown mode. To allow full
250kbaud data rate transmission in CAN applications, the
RE pin should be tied low to prevent entering shutdown
mode.


Similar Part No. - LT1791HN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791 LINER-LT1791 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LT1791 LINER-LT1791 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LT1791 AD-LT1791 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LT1791 AD-LT1791 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results

Similar Description - LT1791HN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com