Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1809
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology LT1809 Datasheet HTML 9Page - Linear Technology LT1809 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LT1809/LT1810
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply, unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISHDN
SHDN Pin Current
VS = 5V, VSHDN = 0.3V
q
420
900
µA
VS = 3V, VSHDN = 0.3V
q
220
600
µA
Output Leakage Current, Shutdown
VSHDN = 0.3V
q
3
µA
VL
SHDN Pin Input Voltage Low
q
0.3
V
VH
SHDN Pin Input Voltage High
q
VS – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
q
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
q
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
q
140
MHz
SR
Slew Rate
VS = 5V, AV = -1, RL = 1k, VO = 4VP-P
q
180
V/
µs
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 4VP-P
q
14
MHz
TA = 25°C. VS = ±5V, VSHDN = open, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+ LT1809 SO-8
0.8
3.0
mV
VCM = V
LT1809 SO-8
0.8
3.0
mV
VCM = V
+
0.8
3.5
mV
VCM = V
0.8
3.5
mV
∆VOS
Input Offset Voltage Shift
VCM = V
to V + LT1809 SO-8
0.35
2.5
mV
VCM = V
to V +
0.35
3.0
mV
Input Offset Voltage Match (Channel-to-Channel)
VCM = V
+, VCM = V
16
mV
(Note 10)
IB
Input Bias Current
VCM = V
+
210
µA
VCM = V
+ 0.2V
– 30
–12.5
µA
∆IB
Input Bias Current Shift
VCM = V
+ 0.2V to V +
14.5
40
µA
Input Bias Current Match (Channel-to-Channel)
VCM = V
+
0.1
5
µA
(Note 10)
VCM = V
+ 0.2V
0.4
10
µA
IOS
Input Offset Current
VCM = V
+
0.05
2
µA
VCM = V
+ 0.2V
0.40
5
µA
∆IOS
Input Offset Current Shift
VCM = V
+ 0.2V to V +
0.45
7
µA
en
Input Noise Voltage Density
f = 10kHz
16
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
5
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large-Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
30
100
V/mV
VO = – 2.5V to 2.5V, RL = 100Ω
4.5
12
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
to V+
70
89
dB
CMRR Match (Channel-to-Channel) (Note 10)
VCM = V
to V+
64
89
dB
Input Common Mode Range
V
V +
V
PSRR
Power Supply Rejection Ratio
V + = 2.5V to 10V, V = 0V
71
87
dB
PSRR Match (Channel-to-Channel) (Note 10)
V + = 2.5V to 10V, V = 0V
65
90
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
12
60
mV
ISINK = 5mA
50
140
mV
ISINK = 25mA
180
425
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
35
100
mV
ISOURCE = 5mA
90
200
mV
ISOURCE = 25mA
310
700
mV


Similar Part No. - LT1809

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1809 LINER-LT1809 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1809 LINER-LT1809 Datasheet
321Kb / 28P
   Gain-Bandwidth Product: 325MHz
LT1809 LINER-LT1809 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
LT1809CS8 LINER-LT1809CS8 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
More results

Similar Description - LT1809

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
   325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com