Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809CS6 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1809CS6
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1809CS6 Datasheet HTML 5Page - Linear Technology LT1809CS6 Datasheet HTML 6Page - Linear Technology LT1809CS6 Datasheet HTML 7Page - Linear Technology LT1809CS6 Datasheet HTML 8Page - Linear Technology LT1809CS6 Datasheet HTML 9Page - Linear Technology LT1809CS6 Datasheet HTML 10Page - Linear Technology LT1809CS6 Datasheet HTML 11Page - Linear Technology LT1809CS6 Datasheet HTML 12Page - Linear Technology LT1809CS6 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LT1809/LT1810
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1809C/LT1809I and LT1810C/LT1810I are guaranteed
functional over the operating temperature range of – 40
°C and 85°C.
Note 5: The LT1809C/LT1810C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1809C/LT1810C are designed,
characterized and expected to meet specified performance from – 40
°C
to 85
°C but are not tested or QA sampled at these temperatures. The
LT1809I/LT1810I are guaranteed to meet specified performance from
–40
°C to 85°C.
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C
temperature range. VS = ±5V, VSHDN = open, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 5)
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Thermal resistance varies depending upon the amount of PC board
metal attached to the V pin of the device.
θJA is specified for a certain
amount of 2oz of copper metal trace connecting to the Vpin as described
in the thermal resistance tables in the Applications Information section.
Note 10: Matching parameters are the difference between the two
amplifiers of the LT1810.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VCM = V
to V+
q
68
86
dB
CMRR Match (Channel-to-Channel) (Note 10)
VCM = V
to V+
q
62
86
dB
Input Common Mode Range
q
V
V +
V
PSRR
Power Supply Rejection Ratio
V + = 2.5V to 10V, V = 0V
q
69
83
dB
PSRR Match (Channel-to-Channel) (Note 10)
V + = 2.5V to 10V, V = 0V
q
63
83
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
23
100
mV
ISINK = 5mA
q
60
170
mV
ISINK = 25mA
q
220
525
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
75
160
mV
ISOURCE = 5mA
q
130
260
mV
ISOURCE = 25mA
q
375
775
mV
ISC
Short-Circuit Current
q
±30
±75
mA
IS
Supply Current per Amplifier
q
19
25
mA
Supply Current, Shutdown
VSHDN = 0.3V
q
0.65
1.6
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
q
420
900
µA
Output Leakage Current, Shutdown
VSHDN = 0.3V
q
4
µA
VL
SHDN Pin Input Voltage Low
q
0.3
V
VH
SHDN Pin Input Voltage High
q
V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
q
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
q
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
q
80
160
MHz
SR
Slew Rate
AV = – 1, RL = 1k, VO = ±4V,
q
110
220
V/
µs
Measured at VO = ±3V
FPBW
Full Power Bandwidth
VOUT = 8VP-P
q
8.5
MHz
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1809CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809CS8 LINER-LT1809CS8 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
More results

Similar Description - LT1809CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
   325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com