Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1809CS8 Datasheet HTML 7Page - Linear Technology LT1809CS8 Datasheet HTML 8Page - Linear Technology LT1809CS8 Datasheet HTML 9Page - Linear Technology LT1809CS8 Datasheet HTML 10Page - Linear Technology LT1809CS8 Datasheet HTML 11Page - Linear Technology LT1809CS8 Datasheet HTML 12Page - Linear Technology LT1809CS8 Datasheet HTML 13Page - Linear Technology LT1809CS8 Datasheet HTML 14Page - Linear Technology LT1809CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1809/LT1810
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN Pin Current
vs SHDN Pin Voltage
Open-Loop Gain
Open-Loop Gain
OUTPUT VOLTAGE (V)
0
–2.5
–1.5
–0.5
0.5
0.5
1.0
1.5
2.0
1809 G14
2.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
3.0
RL = 100Ω
VS = 3V, 0V
RL = 1k
OUTPUT VOLTAGE (V)
0
–2.5
–1.5
–0.5
0.5
1
2
34
1809 G15
1.5
2.5
–2.0
–1.0
0
1.0
2.0
5
RL = 100Ω
VS = 5V, 0V
RL = 1k
Offset Voltage vs Output Current
Warm-Up Drift vs Time (LT1809S8)
Open-Loop Gain
OUTPUT VOLTAGE (V)
–5
0.5
1.5
2.5
3
1809 G16
–0.5
–1.5
0
1.0
2.0
–1.0
–2.0
–2.5
–3
–4
–1
–2
12
4
0
5
VS = ±5V
RL = 1k
RL = 100Ω
TIME AFTER POWER UP (SEC)
0
100
120
140
80
100 120 140 160
1809 G18
80
60
0
20
40
60
20
40
180
160
TA = 25°C
VS = ±5V
VS = 5V, 0V
VS = 3V, 0V
Minimum Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
1.5
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
2.5
3.5
4.0
1809 G10
–0.6
0.6
0.8
0.2
2.0
3.0
4.5
5.0
TA = 125°C
TA = –55°C
VCM = V– + 0.5V
TA = 25°C
Output Short-Circuit Current
vs Power Supply Voltage
POWER SUPPLY VOLTAGE (
±V)
1.5
–40
80
100
120
2.5
3.5
4.0
1809 G11
–80
40
0
–60
60
–100
20
–20
2.0
3.0
4.5
5.0
TA = –55°C
TA = –55°C
TA = 125°C
TA = 25°C
“SINKING”
“SOURCING”
TA = 25°C
TA = 125°C
Supply Current
vs SHDN Pin Voltage
SHDN PIN VOLTAGE (V)
0
0
2
6
8
10
2
4
5
18
1809 G12
4
13
12
14
16
VS = 5V, 0V
TA = –55°C
TA = 25°C
TA = 125°C
SHDN PIN VOLTAGE (V)
0
–150
–50
50
4
1809 G13
–250
–350
–200
–100
0
–300
–400
–450
1
2
3
5
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C
OUTPUT CURRENT (mA)
–15
–5
5
15
–10
0
10
–60
–20
20
60
1809 G17
100
–80
–100
–40
0
40
80
VS = ±5V
TA = 125°C
TA = –55°C
TA = 25°C


Similar Part No. - LT1809CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809CS8 LINER-LT1809CS8 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
More results

Similar Description - LT1809CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
   Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
   325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com