Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1812IS5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1812IS5
Description  3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812IS5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1812IS5 Datasheet HTML 6Page - Linear Technology LT1812IS5 Datasheet HTML 7Page - Linear Technology LT1812IS5 Datasheet HTML 8Page - Linear Technology LT1812IS5 Datasheet HTML 9Page - Linear Technology LT1812IS5 Datasheet HTML 10Page - Linear Technology LT1812IS5 Datasheet HTML 11Page - Linear Technology LT1812IS5 Datasheet HTML 12Page - Linear Technology LT1812IS5 Datasheet HTML 13Page - Linear Technology LT1812IS5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1812
TYPICAL PERFOR A CE CHARACTERISTICS
2nd and 3rd Harmonic Distortion
vs Frequency
Differential Gain and Phase
vs Supply Voltage
Capacitive Load Handling
FREQUENCY (Hz)
–100
–70
–80
–90
–30
–40
–50
–60
1812 G28
100k
10M
1M
TA = 25°C
AV = 2
VS = ± 5V
VO = 2VP-P
2ND HARMONIC
3RD HARMONIC
RL = 100Ω
2ND HARMONIC
RL = 500Ω
3RD HARMONIC
TOTAL SUPPLY VOLTAGE (V)
4
0
0.25
TA = 25°C
0.10
8
10
1812 G29
0.15
0.20
0.05
0
0.25
0.10
0.15
0.20
0.05
6
12
DIFFERENTIAL GAIN
RL = 150Ω
DIFFERENTIAL PHASE
RL = 150Ω
DIFFERENTIAL PHASE
RL = 1k
DIFFERENTIAL GAIN
RL = 1k
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1812 G30
30
20
10
0
90
100
TA = 25°C
VS = ±5V
AV = 1
AV = –1
Small-Signal Transient,
AV = –1
Small-Signal Transient,
AV = 1
Small-Signal Transient,
AV = 1, CL = 1000pF
1812 G33
Large-Signal Transient,
AV = –1
Large-Signal Transient,
AV = 1
Large-Signal Transient,
AV = 1, CL = 1000pF
1812 G36
1812 G32
1812 G31
1812 G34
1812 G35


Similar Part No. - LT1812IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812IS5 LINER-LT1812IS5 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
More results

Similar Description - LT1812IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com