Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1881AIN8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1881AIN8
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881AIN8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1881AIN8 Datasheet HTML 2Page - Linear Technology LT1881AIN8 Datasheet HTML 3Page - Linear Technology LT1881AIN8 Datasheet HTML 4Page - Linear Technology LT1881AIN8 Datasheet HTML 5Page - Linear Technology LT1881AIN8 Datasheet HTML 6Page - Linear Technology LT1881AIN8 Datasheet HTML 7Page - Linear Technology LT1881AIN8 Datasheet HTML 8Page - Linear Technology LT1881AIN8 Datasheet HTML 9Page - Linear Technology LT1881AIN8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1881/LT1882
6
18812fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by internal resistors and back-to-back
diodes. If the differential input voltage exceeds
±0.7V, the input current
should be limited externally to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1881C, LT1882C, LT1881I and LT1882I are guaranteed
functional over the operating temperature range of – 40
°C to 85°C.
Note 5: The LT1881C and LT1882C are designed, characterized and
expected to meet specified performance from – 40
°C to 85°C but are not
tested or QA sampled at these temperatures. The LT1881I and LT1882I are
guaranteed to meet specified performance from – 40
°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Matching parameters are the difference between amplifiers
A and B in the LT1881; and between amplifiers A and D and B and C in the
LT1882.
Note 8: This parameter is the difference between the two noninverting
input bias currents.
Note 9:
ΔCMRR and ΔPSRR are defined as follows: CMRR and PSRR are
measured in
μV/V on each amplifier. The difference is calculated in μV/V
and then converted to dB.
Note 10: Full power bandwidth is calculated from the slew rate: FPBW =
SR/2
πVP.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25
°C.
Split supply operation VS = ±15V, VCM = 0V unless otherwise noted. (Note 5)
SR
Slew Rate Negative
AV = – 1
0.13
0.20
V/
μs
0.1
V/
μs
FPBW
Full-Power Bandwidth
VOUT = 28VP-P
1.47
2.25
kHz
(Note 10)
1.13
kHz
ΔVOS
Offset Voltage Match (LT1881/LT1882)
(Note 5)
42
125
μV
0
°C < TA < 70°C
175
μV
–40
°C < TA < 85°C
235
μV
Offset Voltage Match (LT1881A)
35
70
μV
0
°C < TA < 70°C
125
μV
–40
°C < TA < 85°C
160
μV
Offset Voltage Match Drift
(Notes 6, 7)
0.4
1.1
μV/°C
ΔIB+
Noninverting Bias Current Match
(Notes 7, 8)
240
700
pA
(LT1881/LT1882)
0
°C < TA < 70°C
900
pA
–40
°C < TA < 85°C
1000
pA
Noninverting Bias Current Match
200
300
pA
(LT1881A)
0
°C < TA < 70°C
400
pA
–40
°C < TA < 85°C
500
pA
ΔCMRR
Common Mode Rejection Match
(Notes 7, 9)
110
125
dB
Δ+PSRR
Positive Power Supply Rejection Match
V= – 15V, VCM = 0V,
108
130
dB
1.5V < V+ < 18V, (Notes 7, 9)
Δ–PSRR
Negative Power Supply Rejection Match
V+ = 15V, VCM = 0V,
104
130
dB
– 1.5V < V< – 18V, (Notes 7, 9)


Similar Part No. - LT1881AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1881AIN8 LINER-LT1881AIN8 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results

Similar Description - LT1881AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com