Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1913IDD-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1913IDD-PBF
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913IDD-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT1913IDD-PBF Datasheet HTML 1Page - Linear Technology LT1913IDD-PBF Datasheet HTML 2Page - Linear Technology LT1913IDD-PBF Datasheet HTML 3Page - Linear Technology LT1913IDD-PBF Datasheet HTML 4Page - Linear Technology LT1913IDD-PBF Datasheet HTML 5Page - Linear Technology LT1913IDD-PBF Datasheet HTML 6Page - Linear Technology LT1913IDD-PBF Datasheet HTML 7Page - Linear Technology LT1913IDD-PBF Datasheet HTML 8Page - Linear Technology LT1913IDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT1913
5
1913f
TEMPERATURE (°C)
800
1913 G12
760
840
780
820
–50
25
–25
0
50
75
100
150
125
Feedback Voltage
TEMPERATURE (°C)
1.00
1.10
1913 G13
0.90
0.80
1.20
0.95
1.05
0.85
1.15
–50
25
–25
0
50
75
100
150
125
RT = 34.0k
Switching Frequency
FB PIN VOLTAGE (mV)
0
800
1000
1200
600
1913 G14
600
400
200
400
800
500
100
300
700
900
200
0
RT = 34.0k
Frequency Foldback
TEMPERATURE (°C)
80
100
120
1913 G15
60
40
20
0
140
–50
25
–25
0
50
75
100
150
125
Minimum Switch On-Time
RUN/SS PIN VOLTAGE (V)
0
1.5
1913 G16
4
2
0.5
1
2
1
0
7
6
5
3
2.5
3
3.5
Soft-Start
RUN/SS PIN VOLTAGE (V)
0
8
10
12
15
25
1913 G17
6
4
510
20
2
0
RUN/SS Pin Current
BOOST DIODE CURRENT (A)
0
0.8
1.0
1.2
2.0
1913 G18
0.6
0.4
0
0.5
1.0
1.5
0.2
1.4
Boost Diode
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.
FB PIN ERROR VOLTAGE (mV)
–200
–50
–20
0
20
0200
50
1913 G19
–40
–100
100
40
10
–10
30
–30
Error Amp Output Current
LOAD CURRENT (mA)
1
3.0
3.5
10000
1913 G20
2.5
2.0
10
100
1000
5.0
4.5
4.0
VOUT = 3.3V
TA = 25°C
L = 4.7μH
f = 600kHz
Minimum Input Voltage


Similar Part No. - LT1913IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT1913 AD-LT1913 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Linear Technology
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results

Similar Description - LT1913IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
   3.5A STEP DOWN SWITCHING REGULATOR
April 2000
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
   3.5A step down switching regulator
logo
Linear Technology
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com