Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSA1201 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSA1201
Description  PNP Epitaxial Silicon Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSA1201 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KSA1201 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Epitaxial Silicon Transistor
KSA1201
Features
Collector-Emitter Voltage: VCEO= -120V
fT=120MHz
Collector Power Dissipation PC=1 to 2W : Mounted on Ceramic Board
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-800
mA
Base Current
IB
-160
mA
PC
500
mW
PC*
1,000
mW
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55to+150
Collector Power Dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
BVCEO
IC=-10mA, IB=0
120
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-1mA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB= -120V, IE=0
-100
nA
Emitter Cut-off Current
IEBO
VBE=-5V, IC=0
-100
nA
DC Current Gain
hFE
VCE=-5V, IC= -100mA
80
240
Collector-Emitter Saturation Voltage
VCE (sat)
IC= -500mA, IB=-50mA
-1.0
V
Base-Emitter On Voltage
VBE (on)
VCE=-5V, IC= -500mA
-1.0
V
Current Gain Bandwidth Product
fT
VCE=-5V, IC= -100mA
120
MHz
Output Capacitance
Cob
VCB= -10V, IE=0, f=1MHz
30
pF
hFE Classification
Marking
SDO
SDY
Rank
O
Y
Type
80
160
120
240


Similar Part No. - KSA1201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1201 FAIRCHILD-KSA1201 Datasheet
40Kb / 4P
   Power Amplifier
KSA1201 FAIRCHILD-KSA1201 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - KSA1201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com