Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114EM Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # DTA114EM
Description  Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

DTA114EM Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  DTA114EM Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd DTA114EM Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd DTA114EM Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
PNP Epitaxial Planar Silicon Transistor (Resistor Built-In Typ.)
Built-In Bias Resistors Enable The Configuration of An Inverter
Circuit Without Connecting External Input Resistors
(See Equivalent Circuit).
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
VI(off)
VCC =-5V , IO = -100
A
-0.5
VI(on)
VO = -0.3V , IO = -10mA
-3
Output Voltage
VO(on)
IO/II = -10mA/-0.5mA
-0.3
V
Input Current
II
VI =-5V
-0.88
mA
Output Current
IO(off)
VCC = -50V , VI =0V
-0.5
A
DC Current Gain
GI
VO =-5V , IO =-5mA
30
Input Resistance
R1
710
13
k
Resistance Ratio
R2/R1
0.8
1
1.2
Transistion Frequency
fT *VCE = -10V , IE = 5mA , f = 100MHz
250
MHz
* Characteristics of built-in transistor
Input Voltage
V
Marking
Marking
14
Digital Transistors
DTA114EM
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-40to+10
V
IO
-50
IC(Max)
-100
Power Dissipation
PD
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Output Current
mA


Similar Part No. - DTA114EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114EM ROHM-DTA114EM Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTA114EM ROHM-DTA114EM Datasheet
158Kb / 4P
   100mA / 50V Digital transistors(with built-in resistors)
DTA114EM ROHM-DTA114EM Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
logo
Rectron Semiconductor
DTA114EM RECTRON-DTA114EM Datasheet
1,015Kb / 16P
   DIGITAL TRANSISTOR (PNP)
logo
Rohm
DTA114EM ROHM-DTA114EM Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA114EM

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com