Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV264 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SV264
Description  PIN Diode for VHF,UHF,AGC Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SV264 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SV264 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
PIN Diode for VHF,UHF,AGC Applications
1SV264
Features
Series connection of 2 elements in an ultrasmall package facilitates high-density
mounting and permits 1SV264-applied equipment to be made smaller
Small interterminal capacitance (C=0.23pF typ).
Small forward series resistance (rs=2.5
typ).
A bsolute M axim um R atings T a = 25
P aram eter
S ym bol
V alue
U nit
R everse V oltage
V R
50
V
F orw ard C urrent
IF
50
m A
A llow able P ow er D issipation
P
100
m W
Junction T em perature
T j
125
S torage tem perature
T stg
-55 to + 125
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Voltage
VR
IR =10
A
50
V
Reverse Current
IR
VR =50V
0.1
A
Forward Voltage
VF
IF =50mA
0.91
V
Interterminal Capacitance
C
VR = 50 V, f = 1 MHz
0.23
pF
IF = 5 mA,f = 100 MHz
4.0
IF = 10 mA,f = 100 MHz
2.5
rs
Series Resistance
Marking
Marking
KV


Similar Part No. - 1SV264

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV264 SANYO-1SV264 Datasheet
66Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
logo
ON Semiconductor
1SV264 ONSEMI-1SV264 Datasheet
261Kb / 6P
   PIN Diode
September, 2013
1SV264-TL-E ONSEMI-1SV264-TL-E Datasheet
261Kb / 6P
   PIN Diode
September, 2013
logo
Sanyo Semicon Device
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
More results

Similar Description - 1SV264

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267_12 Datasheet
359Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV241 SANYO-1SV241 Datasheet
63Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV251 SANYO-1SV251 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264 Datasheet
66Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com