Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1935 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1935
Description  1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935 Datasheet(HTML) 6 Page - Linear Technology

  LT1935 Datasheet HTML 1Page - Linear Technology LT1935 Datasheet HTML 2Page - Linear Technology LT1935 Datasheet HTML 3Page - Linear Technology LT1935 Datasheet HTML 4Page - Linear Technology LT1935 Datasheet HTML 5Page - Linear Technology LT1935 Datasheet HTML 6Page - Linear Technology LT1935 Datasheet HTML 7Page - Linear Technology LT1935 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1935
1935f
APPLICATIONS INFORMATION
Soft Start
The SHDN pin can be used to soft start the LT1935,
reducing the maximum input current during start up. The
SHDN pin is driven through an external RC filter to create
a ramp at this pin. Figure 6 shows the start-up waveforms
with and without the soft start circuit. Without soft start,
the input current peaks at ~3A. With soft start, the peak
current is reduced to 1A. By choosing a large RC time
constant, the peak start-up current can be reduced to the
current that is required to regulate the output, with no
overshoot. Choose the value of the resistor so that it can
supply 100µA when the SHDN pin reaches 1.8V.
VOUT
100mV/DIV
ILOAD
200mA/DIV
50µs/DIV
1935 F05
84.5k
10k
FB
68pF
OUT
20µF
Figure 5. Transient Response with a 68pF Phase-Lead Capacitor
Figure 7. Suggested Layout
R1
R2
GND
C3
C2
L1
D1
C1
VOUT
VIN
SHDN
1935 F03
+
RUN
5V/DIV
VOUT
2V/DIV
IIN
1A/DIV
20µs/DIV
1935 F06a
RUN
5V/DIV
VOUT
2V/DIV
IIN
1A/DIV
200µs/DIV
1935 F06b
10k
RUN
RUN
0.22µF
SHDN
GND
SHDN
GND
Figure 6. Adding a Resistor and Capacitor to the SHDN Pin
Reduces the Peak Input Current During Start-Up. VIN = 3.3V,
VOUT = 5V, C2 = 20µF, Output Load = 10Ω.
Layout Hints
The high speed operation of the LT1935 demands careful
attention to board layout. You will not get advertised
performance with careless layout. Figure 7 shows the
recommended component placement. Make the ground
pin copper area large. This helps to lower the die
temperature.


Similar Part No. - LT1935

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1935 LINER-LT1935 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935ES5 LINEAR-LT1935ES5 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results

Similar Description - LT1935

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com