Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1935ES5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1935ES5
Description  1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935ES5 Datasheet(HTML) 8 Page - Linear Technology

  LT1935ES5 Datasheet HTML 1Page - Linear Technology LT1935ES5 Datasheet HTML 2Page - Linear Technology LT1935ES5 Datasheet HTML 3Page - Linear Technology LT1935ES5 Datasheet HTML 4Page - Linear Technology LT1935ES5 Datasheet HTML 5Page - Linear Technology LT1935ES5 Datasheet HTML 6Page - Linear Technology LT1935ES5 Datasheet HTML 7Page - Linear Technology LT1935ES5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1935
1935f
LT/TP 0604 1K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2004
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
RELATED PARTS
GND
VIN
SW
SHDN
FB
VIN
3.3V
D1
D2A
D3A
D3B
D2B
L1
2.2µH
R1
100k
LT1935
1935 TA03
C2
10µF
C1
4.7µF
R2
18.7k
8V
450mA
16V
10mA
–8V
10mA
ON OFF
C5
0.1µF
C6
0.1µF
C3
1µF
C4
1µF
C1: X5R OR X7R 6.3V
C2, C4, C5, C6: X5R OR X7R 10V
C3: X5R OR X7R 25V
D1: MBRM120 OR EQUIVALENT
D2, D3: BAT-54S OR EQUIVALENT
L1: SUMIDA CDRH4D28-2R2
GND
VIN
SW
SHDN
FB
VIN
3.2V TO 9V
D1
L1
4.7µH
R1
29.4k
LT1935
1935 TA04
47pF
C2
47µF
C3
2.2µF
C1
4.7µF
L2
4.7µH
R2
10k
VOUT
5V
425mA, VIN >3.2V
500mA, VIN >3.6V
550mA, VIN >4V
C1, C3: X5R OR X7R 10V
C2: X5R OR X7R 6.3V
ON OFF
D1: ON SEMI MBRM120
L1, L2: SUMIDA CDRH4D18-4R7
8V, 16V and –8V TFT LCD Power Supply
5V SEPIC Converter
TYPICAL APPLICATIO S
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
1.5A (ISW), 1.25MHz, High Efficiency Step-Up DC/DC Converter
VIN: 1.6V to 18V, VOUT(MAX): 35V, IQ: 1.8mA,
ISD: <1µA, MS, DFN Packages
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz, High Efficiency Step-Up DC/DC Converter
VIN: 2.6V to 16V, VOUT(MAX): 34V, IQ: 4.2mA/5.5mA
ISD: <1µA, ThinSOT Package
LT1943
Quad Output, 2.6A Buck, 2.6A Boost, 0.3A Boost,
VIN: 4.5V to 22V, VOUT(MAX): 40V, IQ: 10mA,
0.4A Inverter 1.2MHz TFT DC/DC Converter
ISD: <35µA, TSSOP-28E Package
LT1946/LT1946A
1.5A (ISW), 1.2MHz/2.7MHz, High Efficiency Step-Up DC/DC Converter
VIN: 2.45V to 16V, VOUT(MAX): 34V, IQ: 3.2mA,
ISD: <1µA, MS8 Package
LTC3400/LTC3400B 600mA (ISW), 1.2MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.85V to 5V, VOUT(MAX): 5V, IQ: 19µA/300µA
ISD: <1µA, ThinSOT Package
LTC3401/LT3402
1A/2A(ISW), 3MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT(MAX): 6V, IQ: 38µA,
ISD: <1µA, MS Package
LTC3425
5A (ISW), 8MHz, Multi-Phase Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, VOUT(MAX): 5.25V, IQ: 12µA,
ISD: <1µA, QFN Package
LT3436
3A (ISW), 1MHz, 34V Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX): 34V, IQ: 0.9mA,
ISD: <6µA, TSSOP-16E Package
LT3467/LT3467A
1.1A (ISW), 1.3MHz/2.1MHz, High Efficiency Step-Up DC/DC Converter
VIN: 2.6V to 16V, VOUT(MAX): 40V, IQ: 1.2mA,
ISD: <1µA, ThinSOT Package


Similar Part No. - LT1935ES5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1935ES5 LINEAR-LT1935ES5 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results

Similar Description - LT1935ES5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com