Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1939IDD-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1939IDD-TRPBF
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1939IDD-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT1939IDD-TRPBF Datasheet HTML 1Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 2Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 3Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 4Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 5Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 6Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 7Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 8Page - Linear Technology LT1939IDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT1939
5
1939f
TYPICAL PERFORMANCE CHARACTERISTICS
Power Good Thresholds vs
Temperature
Power Good Sink Currents vs
Temperature
Frequency vs Temperature
Peak Switch Current vs
Temperature
LDRV Short-Circuit Current vs
Temperature
External Sync Duty Cycle Range
vs External Sync Frequency
Minimum Switching Times
Frequency vs RRT/SYNC
Switch Saturation Voltage vs
Switch Current
TEMPERATURE (°C)
–50
0.65
0.66
0.68
0.69
0.70
0.75
0.72
0
50
75
1939 G10
0.67
0.73
0.74
0.71
–25
25
100
150
125
RISING EDGE
FALLING EDGE
TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
0
50
75
1939 G11
200
800
900
600
PG
PG
–25
25
100
150
125
TEMPERATURE (°C)
–50
400
420
460
480
500
600
540
0
50
75
1939 G12
440
560
580
520
–25
25
100
150
125
RRT/SYNC = 90.9k
TEMPERATURE (°C)
–50
2.5
2.6
2.8
2.9
3.0
3.5
3.2
0
50
75
1939 G13
2.7
3.3
3.4
3.1
–25
25
100
150
125
TEMPERATURE (°C)
–50
10
11
13
14
15
20
17
0
50
75
1939 G14
12
18
19
16
–25
25
100
150
125
SYNCHRONIZATION FREQUENCY (kHz)
250
0
10
30
40
50
100
70
750
1250
19939 G15
20
80
90
60
1750
2250
MINIMUM DUTY CYCLE
MAXIMUM DUTY CYCLE
TEMPERATURE (°C)
–50
50
75
125
150
175
300
225
0
50
75
1939 G16
100
250
275
200
–25
25
100 125
150
MINIMUM ON TIME
MINIMUM OFF TIME
RRT/SYNC (kΩ)
0
1500
2000
2500
160
1939 G17
1000
500
1250
1750
2250
750
250
0
40
20
80
60
120 140
180
100
200
SWITCH CURRENT (A)
0
200
400
600
100
300
500
0.4
0.8
1.2
1.6
1939 G18
2.0
0.2
0
0.6
1.0
1.4
1.8
–50°C
150°C
25°C


Similar Part No. - LT1939IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT1939 LINER-LT1939 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results

Similar Description - LT1939IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com