Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1410NCOA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC1410NCOA
Description  0.5A HIGH-SPEED MOSFET DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1410NCOA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC1410NCOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1410NCOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1410NCOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1410NCOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1410NCOA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-186
TELCOM SEMICONDUCTOR, INC.
0.5A HIGH-SPEED MOSFET DRIVERS
TC1410
TC1410N
0
100
200
300
400
500
16
14
12
10
8
6
4
VDD (VOLTS)
Quiescent Supply Current
vs. Supply Voltage
TA = 25°C
-40
-20
0
20
40
60
80
0
100
200
300
400
500
TEMPERATURE (
°C)
Quiescent Supply Current
vs. Temperature
VSUPPLY = 16V
VIN = 3V
VIN = 0V
VIN = 0V
VIN = 3V
1.1
1.2
1.3
1.4
1.5
1.6
16
14
12
10
8
6
4
VDD (VOLTS)
Input Threshold
vs. Supply Voltage
TA = 25°C
-40
-20
0
20406080
1.1
1.2
1.3
1.4
1.5
1.6
TEMPERATURE (
°C)
Input Threshold
vs. Temperature
VSUPPLY = 16V
VIH
VIL
VIL
VIH
1
3
5
7
9
11
13
16
14
12
10
8
6
4
VDD (VOLTS)
High-State Output Resistance
Low-State Output Resistance
T
A =
– 40°C
T
A
= 85
°C
T
A =
25°C
1
3
5
7
9
11
13
16
14
12
10
8
6
4
VDD (VOLTS)
T
A = – 40
°C
T
A
= 85
°C
T
A =
25°C
TYPICAL CHARACTERISTICS


Similar Part No. - TC1410NCOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410N MICROCHIP-TC1410N Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410N MICROCHIP-TC1410N Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
TC1410N MICROCHIP-TC1410N Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
More results

Similar Description - TC1410NCOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410 MICROCHIP-TC1410_13 Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com