Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5233B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # ZMM5233B
Description  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

ZMM5233B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  ZMM5233B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd ZMM5233B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Zener Diodes
ZMM5221B - ZMM5267B
Features
500mW Power Dissipation
Hemetic Glass Package
Absolute Maximum Ratings (Ta = 25
)
Parameter
Symbol
Rating
Unit
Power dissipation
P
500
mW
Thermal Resistance, Junction to Ambient Air
R JA
300
/W
Forward Voltage
@ IF = 200mA
VF
1.5
V
Jumction temperature
Tj
175
Storage temperature
Tstg
-65to+175
Electrical Characteristics (Ta = 25
)
Typical
Temperature
Coefficient @ IZT
Nom.
Min.
Max.
IZ
(mA)
ZZT @IZT
(
)
ZZK @IZK
=0.25mA
(
)
IR
(
A)
@VR (V)
%/
ZMM5221B
2.4
2.28
2.52
20
30
1200
100
1.0
-0.085
ZMM5222B
2.5
2.38
2.63
20
30
1250
100
1.0
-0.085
ZMM5223B
2.7
2.57
2.84
20
30
1300
75
1.0
-0.080
ZMM5224B
2.8
2.66
2.94
20
30
1400
75
1.0
-0.080
ZMM5225B
3.0
2.85
3.15
20
29
1600
50
1.0
-0.075
ZMM5226B
3.3
3.14
3.47
20
28
1600
25
1.0
-0.070
ZMM5227B
3.6
3.42
3.78
20
24
1700
15
1.0
-0.065
ZMM5228B
3.9
3.71
4.10
20
23
1900
10
1.0
-0.060
ZMM5229B
4.3
4.09
4.52
20
22
2000
5.0
1.0
-0.055
ZMM5230B
4.7
4.47
4.94
20
19
1900
5.0
2.0
0.030
ZMM5231B
5.1
4.85
5.36
20
17
1600
5.0
2.0
0.030
Maximum Reverse
Current
Type
Zener voltage
VZ (V)
Maximum Zener
Impedance


Similar Part No. - ZMM5233B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5233B RECTRON-ZMM5233B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shenzhen Ping Sheng Ele...
ZMM5233B PFS-ZMM5233B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5233B DIODES-ZMM5233B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5233B JGD-ZMM5233B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
EIC discrete Semiconduc...
ZMM5233B EIC-ZMM5233B Datasheet
126Kb / 2P
   ZENER DIODES
More results

Similar Description - ZMM5233B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com