Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC28C46 Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC28C46
Description  CMOS CURRENT MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC28C46 Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC28C46 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC28C46 Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-110
TELCOM SEMICONDUCTOR, INC.
PIN DESCRIPTION
Pin No.
Symbol
Description
1
CURRENT LIMIT, SOFT START
Pin for setting the peak current limit threshold of sense inputs pin 3 and pin 4. A
second function of this pin is for Soft-Start programming with a capacitor between this
pin and ground, pin 12.
2
VREF
Pin is an output for the reference supply voltage of 5.1 volts. This reference can supply
a minimum of 20mA of output current.
3
– CURRENT SENSE
Pin is the current sense inverting input for sensing peak current of the pass transistor
through the series current monitor resistor.
4
+ CURRENT SENSE
Pin is the non-inverting input for sensing peak current of the pass transistor. The
positive end of the current sense resistor is connected here.
5
+ ERROR AMP
Pin is the non-inverting input for sensing voltage feedback from output for voltage
regulation.
6
– ERROR AMP
Pin is the inverting input for sensing the reference voltage to regulate the output.
7
COMPENSATION
Pin for compensating the feedback loop response.
8
CT
Pin is the input for timing capacitor, CT, to set oscillator frequency in conjunction with
9 resistor RT, input. A second function is for setting the crossover dead time of the
outputs, pins 11 and 14.
9
RT
Pin is the input for the timing resistor, RT, to set oscillator frequency by setting the
(constant) current charge rate for capacitor CT.
10
SYNC
Pin is the input or output for the oscillator synchronization pulse.
11
OUTA
Pin is the output drive of phase A to drive push pull transistor A.
12
GND
Pin is the ground return path for all input and output signals.
13
VDD
Pin is the supply power input terminal for the output drivers.
14
OUTB
Pin is the output drive of phase B to drive push pull transistor B.
15
VIN
Pin is voltage bias supply input for all circuits except the output drivers
16
SHUT
Pin is an input for shutdown when a 350mV threshold is exceeded: both output drives
will then be terminated.
CMOS CURRENT MODE
PWM CONTROLLERS
TC18C46
TC28C46
TC38C46


Similar Part No. - TC28C46

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC28C46 TELCOM-TC28C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC28C46EOE TELCOM-TC28C46EOE Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC28C46EPE TELCOM-TC28C46EPE Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
More results

Similar Description - TC28C46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
   CMOS Current-Mode PWM Voltage Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com