Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU508D Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # BU508D
Description  POWER TRANSISTORS(5A,1500V,125W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BU508D Datasheet(HTML) 3 Page - Mospec Semiconductor

  BU508D Datasheet HTML 1Page - Mospec Semiconductor BU508D Datasheet HTML 2Page - Mospec Semiconductor BU508D Datasheet HTML 3Page - Mospec Semiconductor BU508D Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - BU508D

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
BU508D WINGS-BU508D Datasheet
84Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Micro Electronics
BU508D MICRO-ELECTRONICS-BU508D Datasheet
96Kb / 8P
   HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
logo
Savantic, Inc.
BU508D SAVANTIC-BU508D Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
BU508D SAVANTIC-BU508D Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU508D NJSEMI-BU508D Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BU508D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD870 MOSPEC-2SD870 Datasheet
124Kb / 3P
   POWER TRANSISTORS(5A,1500V,50W)
MJ16002 MOSPEC-MJ16002 Datasheet
242Kb / 4P
   POWER TRANSISTOR(5A,450V,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
   POWER TRANSISTORS(8A,125W)
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
   POWER TRANSISTORS(2.5A,1500V,50W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
   POWER TRANSISTORS(4.5A,1500V,50W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
   POWER TRANSISTORS(3.5A,1500V,80W)
2SD897A MOSPEC-2SD897A Datasheet
123Kb / 3P
   POWER TRANSISTORS(1.5A,1500V,50W)
2SC1325A MOSPEC-2SC1325A Datasheet
112Kb / 3P
   POWER TRANSISTORS(6.0A,1500V,80W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com