Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3018 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3018
Description  N-Channel MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3018 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3018 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK3018 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
2SK3018
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Gate-source leakage
IGSS
VGS =±20 V , VDS = 0 V
1
ìA
Drain-source Breakdown voltage
V(BR)DSS ID= 10 ìA, VGS = 0V
30
V
Zero gate voltage drain current
IDSS
VDS = 30 V, VGS = 0V
1
ìA
Gate threshold voltage
VGS(th)
VDS = 3 V, ID= 100 ìA
0.8
1.5
V
Static drain-source on-state resistance
RDS(on)
ID= 10 mA, VGS = 4V
ID= 1mA, VGS = 2.5V
5
7
8
13
Ω
Forward transfer admittance
Yfs
VDS = 3 V, ID= 10 mA
20
mS
Input capacitance
Ciss
VDS = 5 V,
13
pF
Output capacitance
Coss
VDS = 0 V,
9
pF
Reverse transfer capacitance
Crss
f= 1MHz
4
pF
Turn-on delay time
td(on)
ID= 10 mA, VDD= 5 V,
15
ns
Rise time
tr
VGS= 5 V,
35
ns
Turn-off time
td(off)
RL=500Ω
80
ns
Fall time
tr
RG= 10Ω
80
ns
www.kexin.com.cn
MOSFET
±


Similar Part No. - 2SK3018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
   SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
logo
Guilin Strong Micro-Ele...
2SK3018 GSME-2SK3018 Datasheet
315Kb / 3P
   N-Channel Enhancement-Mode MOS FETs
More results

Similar Description - 2SK3018

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com