Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC232IJE Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC232IJE
Description  DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC232IJE Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC232IJE Datasheet HTML 1Page - TelCom Semiconductor, Inc TC232IJE Datasheet HTML 2Page - TelCom Semiconductor, Inc TC232IJE Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6-3
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC232*
DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
C1
10
µF
400 k
400 k
1
3
4
5
11
10
12
9
2
6
14
7
13
8
5 k
5 k
15
RS-232
OUTPUTS
RS-232
INPUTS
C1
+
C2
10
µF
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
+5V TO +10V
VOLTAGE DOUBLER
+10V TO –10V
VOLTAGE INVERTER
+5V
+5V
+5V INPUT
+10V
–10V
10
µF
+
+
16
+
+
R2
R1
T2
T1
C1
C2
+
C2
T2IN
T1IN
R1IN
R2OUT
R2IN
T2OUT
T1OUT
R1OUT
GND
C4
10
µF
C3*
+
10
µF
+
10
µF
C3*
VCC
V
+
V
*NOTE: C3 can be connected between
V+ and VCC for convenience.
FEATURES
s
Meets All RS-232 Specifications
s
Operates From Single 5V Power Supply
s
2 Drivers and 2 Receivers
s
On-Board Voltage Quadrupler
s
Input Levels ......................................................
±30V
s
Output Swing With +5V Supply ........................
±9V
s
Low Supply Current ........................................ 5 mA
s
Does not require external
±12V supplies
APPLICATIONS
s
RS-232C Communication Links
s
Modems, peripherals, computers
s
Battery-powered systems
GENERAL DESCRIPTION
The TC232 is a dual RS-232 transmitter/receiver that
complies with EIA /TIA RS-232E guidelines and is ideal for
all RS-232 communication links. This device operates from
a 5V power supply and contains two charge pump voltage
converters that produce
±10V power supplies.
The TC232 has four level translators. Two are RS-232
transmitters that convert TTL/CMOS input levels to 9V
RS-232 outputs. The other two translators are RS-232
receivers that convert RS-232 inputs to 5V TTL/CMOS
output levels. The receivers have a nominal threshold of
1.3V, a typical hysteresis of 0.5V, and can operate with
inputs up to
±30V.
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC232COE
16-Pin SOIC (Wide)
0
°C to +70°C
TC232CPE
16-Pin Plastic DIP
0
°C to +70°C
TC232EOE
16-Pin SOIC (Wide)
– 40
°C to +85°C
TC232EPE
16-Pin Plastic DIP
– 40
°C to +85°C
TC232IJE
16-Pin CerDIP
– 25
°C to +85°C
TC232MJE
16-Pin CerDIP
– 55
°C to +125°C
PIN CONFIGURATIONS (DIP AND SOIC)
TC232COE
TC232EOE
1
2
3
4
16
15
14
13
VCC
T1
5
6
7
12
11
10
9
R1
R2
8
R2
T2
V
+
GND
R1IN
T1IN
OUT
OUT
T2IN
OUT
IN
OUT
V
C
+
1
C
1
C
+
2
C
2
TC232CPE
TC232EPE
TC232IJE
TC232MJE
1
2
3
4
16
15
14
13
VCC
T1
5
6
7
12
11
10
9
R1
R2
8
R2
T2
V
+
GND
R1IN
T1IN
OUT
OUT
T2IN
OUT
IN
OUT
V
C
+
1
C
1
C
+
2
C
2
TYPICAL APPLICATION
*Patented
TC232-6 10/21/96


Similar Part No. - TC232IJE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC232IJE MICROCHIP-TC232IJE Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
More results

Similar Description - TC232IJE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Harris Corporation
ICL232 HARRIS-ICL232 Datasheet
41Kb / 5P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
   5V Powered Dual RS-232 Transmitter/Receiver
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
   Triple RS-232 Transmitter/Receiver
logo
Texas Instruments
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com