Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSO200P03S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KSO200P03S
Description  MOS Small Signal Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KSO200P03S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KSO200P03S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KSO200P03S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-source breakdown voltage
VDSS
VGS=0 V, ID=-250
A
-30
V
VDS=-30V, VGS=0V,Tj=25
-0.1
-1
VDS=-30 V, VGS=0 V,Tj=125
-10
-100
Gate-source leakage current
IGSS
VGS=
25 V, VDS=0 V
100
nA
Gate threshold voltage
VGS(th)
VDS=VGS,ID=-100
A
-1
-1.5
V
Drain-source on-state resistance
RDS(on)
VGS=-10 V, ID=-9.1A
16.7
20.0
m
Forward Transconductance
gfs
|VDS|>2|ID|RDS(on)max,ID=-7.3 A
11
21
S
Input capacitance
Ciss
1750
2330
Output capacitance
Coss
470
625
Reverse transfer capacitance
Crss
390
580
Turn-on delay time
td(on)
10
53
Rise time
tr
11
17
Turn-off delay time
td(off)
42
63
Fall time
tf
33
50
Gate to source charge
Qgs
4.8
6.4
Gate charge at threshold
Qg(th)
2.6
3.5
Gate to drain charge
Qgd
14
Switching charge
Qsw
16
24
Gate charge total
Qg
40
54
Output charge
Qoss
VDD=-15V, VGS=0V
14
19
nC
Reverse recovery time
trr
19
24
ns
Reverse recovery charge
Qrr
911
nC
Diode continous forward current
IS
-2.1
A
Diode pulse curret
ISM
-36.5
A
Diode forward voltage
VSD
VGS=0 V, IF=-9.1 A,Tj=25
-0.88
-1.2
V
nC
VR=15V, IF=-9.1A,diF/dt =100A/
s
A
VGS=0V, VDS=-25V,f =1 MHz
VDD=-15 V,VGS=-10 V,ID=-1A, RG=6
pF
ns
IDSS
Zero gate voltage drain current
TA=25
VDD=-24V, ID=9.1A,VGS=0 to-10 V
KSO200P03S(BSO200P03S)


Similar Description - KSO200P03S

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com