Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6416EA12ER Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6416EA12ER
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416EA12ER Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6416EA12ER Datasheet HTML 2Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 3Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 4Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 5Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 6Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 7Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 8Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 9Page - Torex Semiconductor XC6416EA12ER Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/30
XC6416 Series
PARAMETER
SYMBO
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VOUT(T)≧2.0V, (C/D Series)
VEN=VIN, IOUT=10mA
×0.99
(*3)
×1.01
(*3)
VOUT≦1.95V, (C/D Series)
VEN=VIN, IOUT=10mA
-0.02
(*3)
+0.02
(*3)
VOUT(T)≧1.5V (G/H Series)
VEN=VIN, IOUT=10mA
×0.98
(*3)
×1.02
(*3)
Output Voltage 1(HS*)
VOUT1(E)
(*2)
VOUT≦1.45V (G/H Series)
VEN=VIN, IOUT=10mA
-0.03
(*3)
VOUT(T)
(*4)
+0.03
(*3)
V
VOUT(T)≧2.0V,VEN=VIN, IOUT=0.1mA
×0.97
(*3)
×1.03
(*3)
Output Voltage 2 (PS*)
VOUT2(E)
(*2)
VOUT≦1.95V,VEN=VIN, IOUT=0.1mA
-0.06
(*3)
VOUT(T)
(*4)
+0.06
(*3)
V
Output Current
IOUTMAX
200
-
-
mA
Load Regulation
ΔVOUT
VEN=VGO=VIN,
E-1
mV
Dropout Voltage
(*5)
Vdif
IOUT=100mA, VEN=VGO=VIN
E-2
mV
Supply Current 1 (HS*)
ISS1
VIN=VEN=VGO=VOUT(T)+1.0V,
-
28
60
μ
A
Supply Current 2 (PS*)
ISS2
VIN=VEN=VOUT(T)+1.0V,
-
5.0
12
μ
A
Stand-by Current
ISTBY
VIN=6.0V, VEN=VSS
-
0.01
0.1
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
VOUT(T)≧1.0V, VEN=VGO=VIN,
IOUT=10mA
Line Regulation 1 (HS*)
ΔVOUT/
(ΔVIN・VOUT)
1.5V≦VIN≦6.0V
VOUT(T)≦0.95V, VEN=VGO=VIN,
OUT=10mA
-
0.01
0.2
%/V
Input Voltage
VIN
1.5
-
6.0
V
Output Voltage
Temperature Characteristics
ΔVOUT/
(ΔTa・VOUT)
VEN=VGO=VIN, IOUT=30mA,
-40℃≦Ta≦+85℃
-
±100
-
ppm/℃
Ripple Rejection Rate
PSRR
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
-
60
-
dB
Limit Current
ILIM
VEN=VGO=VIN
210
300
-
mA
Short Circuit Current
ISHORT
VEN=VGO=VIN,
-
20
-
mA
PS Switching Current
IGOR
VEN=VIN, VGO=VSS
0.25
1.5
-
mA
HS Switching Current
IGO
VEN=VIN, VGO=VSS
-
4
7.5
mA
Switching Current Hysteresis
IGOhys
IGOhys=IGO-IGOR
-
2.5
-
mA
PS Switching Delay Time
tDPS
VEN=VIN, VGO=VSS
E-3
μ
s
EN High Level Voltage
VENH
1.2
-
6
V
EN Low Level Voltage
VENL
-
-
0.3
V
EN High Level Current
IENH
VEN=VGO=VIN=6.0V
-0.1
-
0.1
μA
EN Low Level Current
IENL
VIN=6.0V, VEN=VGO=VSS
-0.1
-
0.1
μA
GO High Level Voltage
VGOH
VEN=VIN, IOUT=0mA
1.2
-
6
V
GO Low Level Voltage
VGOL
VEN=VIN, IOUT=0mA
-
-
0.3
V
GO High Level Current
IGOH
VEN=VGO=VIN=6.0V
-0.1
-
0.1
μA
GO Low Level Current
IGOL
VIN=6.0V, VEN=VGO=VSS
-0.1
-
0.1
μA
CL Discharge Resistor
(*8)
RDCHG
VIN=6.0V, VOUT=4.0V, VEN=VSS
-
550
-
Ta=25℃
■ELECTRICAL CHARACTERISITCS (Continued)
●XC6416C/D/G/H Series Regulator 1, Regulator 2
NOTE:
*HS: High Speed Mode, PS: Power Save Mode
*1: Unless otherwise stated, VIN=VOUT (T) +1.0V.
*2: VOUT( E)= Nominal output voltage (see the voltage chart)
(ie. The output voltage when VOUT (T) +1.0V is provided at the VIN pin while maintaining a certain IOUT value.
*3 : Characteristics of the effective VOUT(E) by nominal output voltage is shown in the voltage chart.
*4 : VOUT(T) : Nominal output voltage
*5: Vdif={VIN1
(*7)−VOUT1(*6)}
*6: VOUT1: A voltage equal to 98% of the VOUT (T) when an amply stabilized VOUT ( T) +1.0V is input.
*7: VIN1: The input voltage when the VOUT1 voltage appears at the VOUT pin during deceasing input voltage gradually.
*8: For XC6416xD/Dx/xH/Hx series only.
XC6416xC/Cx/xG/Gx series discharge with only Rx1 and Rx2 resistors as shown in the BLOCK DIAGRAMS.
*9: When each channel is measured, the other channel is turned off (VEN=VSS).


Similar Part No. - XC6416EA12ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416EA12ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com