Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1948 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1948
Description  DC/DC Converter for TFT-LCD Panels
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1948 Datasheet(HTML) 1 Page - Linear Technology

  LT1948 Datasheet HTML 1Page - Linear Technology LT1948 Datasheet HTML 2Page - Linear Technology LT1948 Datasheet HTML 3Page - Linear Technology LT1948 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LT1948
1
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tationthattheinterconnectionofitscircuitsasdescribedhereinwillnotinfringeonexistingpatentrights.
I
TFT-LCD Notebook Display Panels
I
TFT-LCD Desktop Monitor Display Panels
I
Digital Cameras
I
Handheld Computers
, LTC and LT are registered trademarks of Linear Technology Corporation.
I
Complete Solution Under 1.2mm
I
Develops Three Outputs from a 3.3V or 5V Supply
I
Externally Programmable VON Delay
I
Fixed Frequency Low Noise Outputs
I
All Ceramic Capacitors
I
Operates at 3MHz Switching Frequency
I
Fast Transient Response
I
Few External Components Required
I
2.6V to 6V Input Range
I
Tiny 8-Lead MSOP Package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
DC/DC Converter for
TFT-LCD Panels
August 2000
Final Electrical Specifications
L2, 2.2
µH
BAT54S
D3A
D3B
D1
MBRM120
C5
1
µF
C4
0.22
µF
C2
2.2
µF
C1
2.2
µF
VIN
2.5V TO
6V
AVDD
8V
260mA
VON
23V
10mA
1948 F01
VOFF
–8V
15mA
FB1
SW1
LT1948
VIN
VON
CT
SW2
VO2
C6
22nF
C1, C2: TAIYO YUDEN LMK212BJ225
C3: TAIYO YUDEN TMK316BJ224
C4: TAIYO YUDEN EMK212BJ224
C5: TAIYO YUDEN LMK212BJ105
L1–L3: TAIYO YUDEN LB2012-2R2
GND
L1, 2.2
µH
D2
CMDSH-3
L3
2.2
µH
C3
0.22
µF
R1
53.6k
R2
10k
Figure 1. 3.3V Powered TFT-LCD Bias Generator
2ms/DIV
1948 TA01a
VIN
5V/DIV
VON
20V/DIV
AVDD
10V/DIV
VOFF
10V/DIV
Start-Up Waveforms
The LT®1948 is a highly integrated multiple output DC/DC
converter designed for use in TFT-LCD panels. The device
contains two independent switching regulators: the main
regulator has an adjustable output voltage with an internal
1.1A switch that can generate a boosted voltage as high as
30V while the second regulator generates 23V at up to
10mA for positive bias. A simple level-shift charge pump
off the main switch node generates the negative bias
voltage. An external capacitor sets the delay time from
AVDD reaching final value to 23V appearing at the VON pin.
The 3MHz switching frequency allows the use of tiny low
profile chip inductors and capacitors throughout, provid-
ingalownoise,lowcosttotalsolutionwithallcomponents
under 1.25mm in height. The device operates from an
input range of 2.6V to 6V and is available in an 8-lead
MSOP package.
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LT1948

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Integrated Syste...
LT1948EMS8 LINEAR-LT1948EMS8 Datasheet
139Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
More results

Similar Description - LT1948

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5529 GMT-G5529 Datasheet
105Kb / 1P
   Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5521 GMT-G5521 Datasheet
272Kb / 2P
   Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
   Multi-Channel DC-DC Converter for LCD Panels
logo
Fitipower Integrated Te...
FP6783 FITIPOWER-FP6783 Datasheet
435Kb / 11P
   Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
logo
Maxim Integrated Produc...
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
MAX8752 MAXIM-MAX8752 Datasheet
240Kb / 12P
   TFT LCD Step-Up DC-DC Converter
Rev 0; 8/05
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com